Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT14BMX1TCG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU1GT14BMX1TCG
Description  Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT14BMX1TCG Datasheet(HTML) 3 Page - ON Semiconductor

  NLU1GT14BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 7Page - ON Semiconductor NLU1GT14BMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU1GT14
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = -555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive Threshold
Voltage
3.0
4.5
5.5
1.20
1.58
1.79
1.40
1.74
1.94
1.60
2.00
2.10
1.6
2.0
2.0
1.6
2.0
2.0
V
VT-
Negative Threshold
Voltage
3.0
4.5
5.5
0.35
0.5
0.6
0.76
1.01
1.13
0.93
1.18
1.29
0.35
0.5
0.6
0.35
0.5
0.6
V
VH
Hysteresis Voltage
3.0
4.5
5.5
0.30
0.40
0.50
0.64
0.73
0.81
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
0.30
0.40
0.50
1.20
1.40
1.60
V
VOH
Minimum High-Level
Output Voltage
VIN v VT-MIN
IOH = -50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN v VT-MIN
IOH = -4 mA
IOH = -8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
VOL
Maximum Low-Level
Output Voltage
VIN w VT+MAX
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN w VT+MAX
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input Leakage Current
0
v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent Supply
Current
0
v VIN v VCC
5.5
1.0
20
40
mA
ICCT
Quiescent Supply
Current
VIN = 3.4 V
5.5
1.35
1.50
1.65
mA
IOPD
Output Leakage Current
VOUT = 5.5 V
0.0
0.5
5.0
10
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A to Output Y
3.0 to
3.6
CL = 15 pF
7.0
12.8
1.0
15.0
1.0
17.0
ns
CL = 50 pF
8.4
16.3
1.0
18.5
1.0
20.5
4.5 to
5.5
CL = 15 pF
4.5
8.6
1.0
10.0
1.0
11.5
CL = 50 pF
5.8
10.6
1.0
12.0
1.0
13.5
CIN
Input Capacitance
5
10
10
10.0
pF
CPD
Power Dissipation
Capacitance
(Note 6)
5.0
10.0
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU1GT14BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14AMUTCG ONSEMI-NLU1GT14AMUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14CMUTCG ONSEMI-NLU1GT14CMUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14MUTCG ONSEMI-NLU1GT14MUTCG Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT14 ONSEMI-NLU1GT14_16 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
More results

Similar Description - NLU1GT14BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
ON Semiconductor
NLU1GT14 ONSEMI-NLU1GT14_16 Datasheet
148Kb / 7P
   Single Schmitt-Trigger Inverter, TTL Level
June, 2016 ??Rev. 5
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
NLU1GT126 ONSEMI-NLU1GT126 Datasheet
105Kb / 8P
   Non-Inverting 3-State Buffer, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com