Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1GT32 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLU1GT32
Description  Single 2-Input OR Gate, TTL Level
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1GT32 Datasheet(HTML) 2 Page - ON Semiconductor

  NLU1GT32 Datasheet HTML 1Page - ON Semiconductor NLU1GT32 Datasheet HTML 2Page - ON Semiconductor NLU1GT32 Datasheet HTML 3Page - ON Semiconductor NLU1GT32 Datasheet HTML 4Page - ON Semiconductor NLU1GT32 Datasheet HTML 5Page - ON Semiconductor NLU1GT32 Datasheet HTML 6Page - ON Semiconductor NLU1GT32 Datasheet HTML 7Page - ON Semiconductor NLU1GT32 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NLU1GT32
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−20
mA
IOK
DC Output Diode Current
VOUT < GND
±20
mA
IO
DC Output Source/Sink Current
±12.5
mA
ICC
DC Supply Current Per Supply Pin
±25
mA
IGND
DC Ground Current per Ground Pin
±25
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
ILATCHUP
Latchup Performance Above VCC and Below GND at 125°C (Note 2)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V


Similar Part No. - NLU1GT32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT32 ONSEMI-NLU1GT32 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT32AMUTCG ONSEMI-NLU1GT32AMUTCG Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT32CMUTCG ONSEMI-NLU1GT32CMUTCG Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT32MUTCG ONSEMI-NLU1GT32MUTCG Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT32 ONSEMI-NLU1GT32_16 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
More results

Similar Description - NLU1GT32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT32 ONSEMI-NLU1GT32_16 Datasheet
144Kb / 7P
   Single 2-Input OR Gate, TTL Level
June, 2016 ??Rev. 7
NLU1GT86 ONSEMI-NLU1GT86_16 Datasheet
131Kb / 5P
   Single 2-Input Exclusive OR Gate, TTL Level
July, 2016 ??Rev. 4
NLU1GT86 ONSEMI-NLU1GT86 Datasheet
101Kb / 8P
   Single 2-Input Exclusive OR Gate, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com