Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378BFCT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NLSX4378BFCT1G
Description  4-Bit 20 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378BFCT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX4378BFCT1G Datasheet HTML 1Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 2Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 3Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 4Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 5Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 6Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 7Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 8Page - ON Semiconductor NLSX4378BFCT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NLSX4378
http://onsemi.com
5
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS
(I/O test circuit of Figures 2 and 3, CLOAD = 15 pF, driver output impedance v 50 W, RLOAD = 1 MW)
Symbol
Unit
−405C to +855C
(Note 3)
Test Conditions
Parameter
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
VL = 3.6 V, VCC = 2.5 V
tRVCC
I/O VCC Risetime
15
ns
tFVCC
I/O VCC Falltime
10
ns
tRVL
I/O VL Risetime
15
ns
tFVL
I/O VL Falltime
15
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
15
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
15
ns
tPPSKEW
Part−to−Part Skew
5
nS
MDR
Maximum Data Rate
20
Mb/s
VL = 5.5 V, VCC = 1.65 V
tRVCC
I/O VCC Risetime
30
ns
tFVCC
I/O VCC Falltime
10
ns
tRVL
I/O VL Risetime
15
ns
tFVL
I/O VL Falltime
20
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
20
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
20
ns
tPPSKEW
Part−to−Part Skew
5
nS
MDR
Maximum Data Rate
20
Mb/s
3. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
TIMING CHARACTERISTICS − OPEN DRAIN DRIVING CONFIGURATIONS
(I/O test circuit of Figures 4 and 5, CLOAD = 15 pF, driver output impedance v 50 W, RLOAD = 1 MW)
Symbol
Parameter
Test Conditions
−405C to +855C
(Note 4)
Unit
Min
Typ
Max
+1.65 v VL, VCC v +5.5 V
tRVCC
I/O VCC Risetime
400
ns
tFVCC
I/O VCC Falltime
50
ns
tRVL
I/O VL Risetime
400
ns
tFVL
I/O VL Falltime
60
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
1000
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
1000
ns
tPPSKEW
Part−to−Part Skew
50
nS
MDR
Maximum Data Rate
2
Mb/s
4. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design. Limits over the operating
temperature range are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn