Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCU2A877 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCU2A877
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCU2A877 Datasheet(HTML) 4 Page - Texas Instruments

  CDCU2A877 Datasheet HTML 1Page - Texas Instruments CDCU2A877 Datasheet HTML 2Page - Texas Instruments CDCU2A877 Datasheet HTML 3Page - Texas Instruments CDCU2A877 Datasheet HTML 4Page - Texas Instruments CDCU2A877 Datasheet HTML 5Page - Texas Instruments CDCU2A877 Datasheet HTML 6Page - Texas Instruments CDCU2A877 Datasheet HTML 7Page - Texas Instruments CDCU2A877 Datasheet HTML 8Page - Texas Instruments CDCU2A877 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
CDCU2A877
SCAS827A – AUGUST 2006 – REVISED JUNE 2007
Figure 1. Logic Diagram (Positive Logic)
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VDDQ
Supply voltage range
–0.5 to 2.5
V
AVDD
VI
Input voltage range(2) (3)
–0.5 to VDDQ + 0.5
V
VO
Output voltage range(2) (3)
–0.5 to VDDQ + 0.5
V
IIK
Input clamp current, (VI < 0 or VI > VDDQ)
±50
mA
IOK
Output clamp voltage, (VO < 0 or VO > VDDQ)
±50
mA
IO
Continuous output current, (VO = 0 to VDDQ)
±50
mA
IDDC
Continuous current through each VDDQ or GND
±100
mA
No airflow
151.9
RθJA
Thermal resistance, junction-to-ambient(4)
Airllflow 150 ft/min
146.1
K/W
RθJC
Thermal resistance, junction-to-case(4)
No airflow
102.4
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This value is limited to 2.5 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD51 and JEDEC2S1P (high-k board).
4
Submit Documentation Feedback


Similar Part No. - CDCU2A877

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877 TI-CDCU2A877 Datasheet
613Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877NMKR TI-CDCU2A877NMKR Datasheet
613Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877NMKT TI-CDCU2A877NMKT	 Datasheet
613Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU2A877NMKT TI-CDCU2A877NMKT Datasheet
613Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDCU2A877

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCU2A877 TI-CDCU2A877 Datasheet
370Kb / 14P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877A TI-CDCU877A Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877ZQLT TI-CDCU877ZQLT Datasheet
945Kb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_1 Datasheet
615Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877 Datasheet
579Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI1-CDCU877_17 Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCU877 TI-CDCU877_V01 Datasheet
1Mb / 23P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
logo
Seme LAB
CDCU877B SEME-LAB-CDCU877B Datasheet
485Kb / 17P
   1.8-V PHASE LOCK LOOP CLOCK DRIVER
logo
Texas Instruments
CDCU877 TI1-CDCU877_15 Datasheet
1Mb / 24P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
CDCUA877 TI-CDCUA877_V01 Datasheet
615Kb / 16P
[Old version datasheet]   1.8-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com