Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23C13 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # DZ23C13
Description  300 mW Zener Diode 2.4 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DZ23C13 Datasheet(HTML) 3 Page - Micro Commercial Components

  DZ23C13 Datasheet HTML 1Page - Micro Commercial Components DZ23C13 Datasheet HTML 2Page - Micro Commercial Components DZ23C13 Datasheet HTML 3Page - Micro Commercial Components DZ23C13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MCC
Revision: 2
2009/01/19
www.mccsemi.com
3 of 4
TM
Micro Commercial Components
DZ23C2V4-DZ23C75
0
0
100
200
100
200
300
400
Fig.1 POWER DERATING CURVE
Fig.2 ZENER BREAKDOWN CHARACTERISTICS
Fig.4 ZENER BREAKDOWN CHARACTERISTICS
Fig.5 TOTAL CAPACITANCE VS NOMINAL ZENER VOLTAGE
Fig.3 ZENER BREAKDOWN CHARACTERISTICS
T , AMBIENT TEMPERATURE, ( C)
A
O
0
0
1
2
3
4
5
6
7
8
9
10
10
20
30
40
50
Vz, ZENER VOLTAGE(V)
Vz, ZENER VOLTAGE(V)
Vz, NOMINAL ZENER VOLTAGE(V)
Vz, ZENER VOLTAGE(V)
0
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
0
0
10
20
30
40
10
20
30
1
10
10
100
100
1000
Tj=25 C
O
Tj=25 C
O
Tj=25 C
O
Test Current Iz
5.0mA
Test Current Iz
5mA
Test Current Iz
5mA
C3V9
C6V8
C5V6
C4V7
C2V7
C3V3
C8V2
C51
C47
C43
C39
C10
C12
C15
C18
C22
C27
C33
C36
V = 1V
R
V = 1V
R
V = 2V
R
V = 2V
R
Tj=25 C
O
C2V4
C56
C62
C75
C68


Similar Part No. - DZ23C13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C13 VISHAY-DZ23C13 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C13 VISHAY-DZ23C13 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C13 DIODES-DZ23C13 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C13 MCC-DZ23C13 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C13 DIODES-DZ23C13 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C13

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
   410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
   500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com