Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5135MN1TXG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NIS5135MN1TXG
Description  5 Volt Electronic Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5135MN1TXG Datasheet(HTML) 3 Page - ON Semiconductor

  NIS5135MN1TXG Datasheet HTML 1Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 2Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 3Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 4Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 5Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 6Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 7Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 8Page - ON Semiconductor NIS5135MN1TXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NIS5135
http://onsemi.com
3
Table 1. FUNCTIONAL PIN DESCRIPTION
Pin
Function
Description
1−5
Source
This pin is the source of the internal power FET and the output terminal of the fuse.
7
ILimit
A resistor between this pin and the source pin sets the overload and short circuit current limit
levels.
8
Enable/Fault
The enable/fault pin is a tri−state, bidirectional interface. It can be used to enable or disable the
output of the device by pulling it to ground using an open drain or open collector device. If a
thermal fault occurs, the voltage on this pin will go to an intermediate state to signal a monitoring
circuit that the device is in thermal shutdown. It can also be connected to another device in this
family to cause a simultaneous shutdown during thermal events.
9
dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn on. It has an internal
capacitor that allows it to ramp up over a period of 2 ms. An external capacitor can be added to
this pin to increase the ramp time. If an additional time delay is not required, this pin should be left
open.
10
Ground
Negative input voltage to the device. This is used as the internal reference for the IC.
11 (belly pad)
VCC
Positive input voltage to the device.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage, operating, steady−state (VCC to GND, Note 1)
Transient (100 ms)
VIN
−0.6 to 18
−0.6 to 25
V
Thermal Resistance, Junction−to−Air
0.1 in2 copper (Note 2)
0.5 in2 copper (Note 2)
qJA
227
95
°C/W
Thermal Resistance, Junction−to−Lead (Pin 1)
qJL
27
°C/W
Thermal Resistance, Junction−to−Case
qJC
20
°C/W
Total Power Dissipation @ TA = 25°C
Derate above 25°C
Pmax
1.3
10.4
W
mW/°C
Operating Temperature Range (Note 3)
TJ
−40 to 150
°C
Nonoperating Temperature Range
TJ
−55 to 155
°C
Lead Temperature, Soldering (10 Sec)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Negative voltage will not damage device provided that the power dissipation is limited to the rated allowable power for the package.
2. 1 oz copper, double−sided FR4.
3. Thermal limit is set above the maximum thermal rating. It is not recommended to operate this device at temperatures greater than the
maximum ratings for extended periods of time.


Similar Part No. - NIS5135MN1TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5135MN1TXG ONSEMI-NIS5135MN1TXG Datasheet
286Kb / 11P
   5 Volt Electronic Fuse
February, 2013 ??Rev. 10
More results

Similar Description - NIS5135MN1TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5135 ONSEMI-NIS5135_13 Datasheet
286Kb / 11P
   5 Volt Electronic Fuse
February, 2013 ??Rev. 10
NIS6432 ONSEMI-NIS6432_V01 Datasheet
533Kb / 13P
   Electronic Fuse, 3.3/5 Volt
November, 2020 ??Rev. 5
NIS6432 ONSEMI-NIS6432 Datasheet
210Kb / 9P
   Electronic Fuse, 3.3/5 Volt
February, 2020 ??Rev. 2
NIS5452 ONSEMI-NIS5452 Datasheet
80Kb / 8P
   Volt Electronic Fuse
June, 2015 ??Rev. 0
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com