Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD03N60Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # NDD03N60Z
Description  N-Channel Power MOSFET 600 V, 3.3 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD03N60Z Datasheet(HTML) 4 Page - ON Semiconductor

  NDD03N60Z Datasheet HTML 1Page - ON Semiconductor NDD03N60Z Datasheet HTML 2Page - ON Semiconductor NDD03N60Z Datasheet HTML 3Page - ON Semiconductor NDD03N60Z Datasheet HTML 4Page - ON Semiconductor NDD03N60Z Datasheet HTML 5Page - ON Semiconductor NDD03N60Z Datasheet HTML 6Page - ON Semiconductor NDD03N60Z Datasheet HTML 7Page - ON Semiconductor NDD03N60Z Datasheet HTML 8Page - ON Semiconductor NDD03N60Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NDF03N60Z, NDP03N60Z, NDD03N60Z
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0.10
1.0
10
0
50 100 150 200 250 300 350 400 450 500 550 600
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Drain−to−Source Leakage Current
versus Voltage
TJ = 150°C
TJ = 125°C
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0
5
10
15
20
25
30
35
40
45
50
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 8. Capacitance Variation
TJ = 25°C
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
01
23
45
67
89
10 11 12
0
50
100
150
200
250
300
350
Qg, TOTAL GATE CHARGE (nC)
Figure 9. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
QT
QGD
QGS
VDS = 300 V
ID = 3 A
TJ = 25°C
VDS
VGS
1.0
10.0
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 10. Resistive Switching Time Variation
versus Gate Resistance
VDD = 300 V
ID = 3 A
VGS = 10 V
td(off)
tf
tr
td(on)
0.1
1.0
10.0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
125°C
TJ = 150°C
25°C
−55°C
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Diode Forward Voltage versus
Current


Similar Part No. - NDD03N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD03N60Z ONSEMI-NDD03N60Z Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
logo
Inchange Semiconductor ...
NDD03N60Z ISC-NDD03N60Z Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
NDD03N60Z-1 ISC-NDD03N60Z-1 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDD03N60Z-1G ONSEMI-NDD03N60Z-1G Datasheet
147Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
NDD03N60ZT4G ONSEMI-NDD03N60ZT4G Datasheet
147Kb / 10P
   N-Channel Power MOSFET
January, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com