Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV244ANSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LV244ANSRG4
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV244ANSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV244ANSRG4 Datasheet HTML 1Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 2Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 3Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 4Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 5Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 6Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 7Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 8Page - Texas Instruments SN74LV244ANSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54LV244A, SN74LV244A
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCLS383L − SEPTEMBER 1997 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V V
CC Operation
D Max t
pd of 6.5 ns at 5 V
D Typical V
OLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
D Typical V
OHV (Output VOH Undershoot)
>2.3 V at VCC = 3.3 V, TA = 25°C
D Support Mixed-Mode Voltage Operation on
All Ports
D I
off Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54LV244A ...J OR W PACKAGE
SN74LV244A . . . DB, DGV, DW, NS
OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54LV244A . . . FK PACKAGE
(TOP VIEW)
SN74LV244A . . . RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
description/ordering information
These octal buffers/line drivers are designed for 2-V to 5.5-V VCC operation.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Reel of 1000
SN74LV244ARGYR
LV244A
SOIC
DW
Tube of 25
SN74LV244ADW
LV244A
SOIC − DW
Reel of 2000
SN74LV244ADWR
LV244A
SOP − NS
Reel of 2000
SN74LV244ANSR
74LV244A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV244ADBR
LV244A
40 C to 85 C
Tube of 70
SN74LV244APW
TSSOP − PW
Reel of 2000
SN74LV244APWR
LV244A
TSSOP
PW
Reel of 250
SN74LV244APWT
LV244A
TVSOP − DGV
Reel of 2000
SN74LV244ADGVR
LV244A
CDIP − J
Tube of 20
SNJ54LV244AJ
SNJ54LV244AJ
−55
°C to 125°C
CFP − W
Tube of 85
SNJ54LV244AW
SNJ54LV244AW
LCCC − FK
Tube of 55
SNJ54LV244AFK
SNJ54LV244AFK
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
© 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LV244ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244ANSRG4 TI-SN74LV244ANSRG4 Datasheet
436Kb / 16P
[Old version datasheet]   OCTAL BUFFERS /DRIVERS WITH 3 STATE OUTPUTS
SN74LV244ANSRG4 TI-SN74LV244ANSRG4 Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV244ANSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC244 TI-SN74AHC244_10 Datasheet
742Kb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
   Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
5962-87552012A TI-5962-87552012A Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244_101 TI-SN74AHCT244_101 Datasheet
738Kb / 19P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT241 TI-SN54ABT241 Datasheet
106Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AC244 TI-SN54AC244 Datasheet
361Kb / 14P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com