Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP03N60Z Datasheet(PDF) 3 Page - ON Semiconductor

Part # NDP03N60Z
Description  N-Channel Power MOSFET 600 V, 3.3 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP03N60Z Datasheet(HTML) 3 Page - ON Semiconductor

  NDP03N60Z Datasheet HTML 1Page - ON Semiconductor NDP03N60Z Datasheet HTML 2Page - ON Semiconductor NDP03N60Z Datasheet HTML 3Page - ON Semiconductor NDP03N60Z Datasheet HTML 4Page - ON Semiconductor NDP03N60Z Datasheet HTML 5Page - ON Semiconductor NDP03N60Z Datasheet HTML 6Page - ON Semiconductor NDP03N60Z Datasheet HTML 7Page - ON Semiconductor NDP03N60Z Datasheet HTML 8Page - ON Semiconductor NDP03N60Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NDF03N60Z, NDP03N60Z, NDD03N60Z
http://onsemi.com
3
TYPICAL CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
5.0
10.0
15.0
20.0
25.0
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
7.0 V
VGS = 10 V
6.5 V
6.0 V
5.5 V
5.0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
3
4
56
78
9
10
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS = 25 V
TJ = 150°C
TJ = −55°C
TJ = 25°C
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Region versus Gate−to−Source
Voltage
ID = 1.2 A
TJ = 25°C
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VGS = 10 V
TJ = 25°C
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
−50
−25
0
25
50
75
100
125
150
ID = 1.2 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
0.90
0.95
1.00
1.05
1.10
1.15
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. BVDSS Variation with Temperature
ID = 1 mA


Similar Part No. - NDP03N60Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP03N60Z ISC-NDP03N60Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com