Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDP03N60Z Datasheet(PDF) 5 Page - ON Semiconductor

Part # NDP03N60Z
Description  N-Channel Power MOSFET 600 V, 3.3 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDP03N60Z Datasheet(HTML) 5 Page - ON Semiconductor

  NDP03N60Z Datasheet HTML 1Page - ON Semiconductor NDP03N60Z Datasheet HTML 2Page - ON Semiconductor NDP03N60Z Datasheet HTML 3Page - ON Semiconductor NDP03N60Z Datasheet HTML 4Page - ON Semiconductor NDP03N60Z Datasheet HTML 5Page - ON Semiconductor NDP03N60Z Datasheet HTML 6Page - ON Semiconductor NDP03N60Z Datasheet HTML 7Page - ON Semiconductor NDP03N60Z Datasheet HTML 8Page - ON Semiconductor NDP03N60Z Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NDF03N60Z, NDP03N60Z, NDD03N60Z
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 12. Maximum Rated Forward Biased
Safe Operating Area NDD03N60Z
VGS v 30 V
SINGLE PULSE
TC = 25°C
10 ms
100 ms
10 ms
dc
1 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.1
1
10
100
1000
0.01
0.1
1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 13. Maximum Rated Forward Biased
Safe Operating Area NDF03N60Z
VGS v 30 V
SINGLE PULSE
TC = 25°C
10 ms
100 ms
10 ms
dc
1 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
0.01
0.1
1
10
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
PULSE TIME (s)
Figure 14. Thermal Impedance (Junction−to−Case) for NDD03N60Z
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
RqJA = 2°C/W
Steady State
PULSE TIME (s)
50% (DUTY CYCLE)
20%
10%
5.0%
2.0%
1.0%
SINGLE PULSE
Figure 15. Thermal Impedance (Junction−to−Ambient) for NDD03N60Z
RqJA = 40°C/W
Steady State
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
0.01
0.1
1
10
100


Similar Part No. - NDP03N60Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDP03N60Z ISC-NDP03N60Z Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com