Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5228B Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # 1N5228B
Description  500mW 5% DO-35 ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

1N5228B Datasheet(HTML) 1 Page - Rectron Semiconductor

  1N5228B Datasheet HTML 1Page - Rectron Semiconductor 1N5228B Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5223B
THRU
1N5261B
TECHNICAL SPECIFICATION
500mW 5% DO-35 ZENER DIODE
s
m
e
t
Il
o
b
m
y
Ss
g
n
i
t
a
Rt
i
n
U
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
PP
T
O
T
0
0
5W
m
g
n
i
t
a
r
e
D
r
e
w
o
P
5
7
e
v
o
b
a
(
o
)
C
0
.
4/
W
m
oC
e
g
a
t
l
o
V
d
r
a
w
r
o
F
A
m
0
1
=
f
I
@
f
V2
.
1V
e
c
n
e
r
e
l
o
T
z
V5
%
.
p
m
e
T
n
o
i
t
c
n
u
JT
J
5
7
1
o
t
5
6
-
oC
.
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
o
t
5
6
-
oC
Absolute Maximun Ratings (Ta=25oC)
s
m
e
t
Is
l
a
i
r
e
t
a
M
e
g
a
k
c
a
P5
3
-
O
D
e
s
a
Cl
l
a
c
i
t
e
m
r
e
Hy
s
s
a
l
g
d
e
l
a
e
s
h
s
i
n
i
F
/
d
a
e
Lg
n
i
t
a
l
P
r
e
d
l
o
S
/
d
u
t
S
e
l
b
u
o
D
p
i
h
Cd
e
t
a
v
i
s
s
a
P
s
s
a
l
G
Electrical Characteristics (Ta=25oC)
Mechanical Data
Dimensions
5
3
-
O
D5
3
-
O
D
5
3
-
O
D
5
3
-
O
D5
3
-
O
D
RECTRON
SEMICONDUCTOR
Dimensions in millimeters
E
P
Y
T
R
E
N
E
Z
E
G
A
T
L
O
V
)
V
(
z
Vt
z
I)
A
m
(
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
0
A
m
(
t
z
I
)
s
m
h
o
(
z
R
R
E
N
E
Z
X
A
M
E
C
N
A
D
E
P
M
I
A
m
5
2
.
0
=
t
z
I
)
s
m
h
o
(
z
R
M
U
M
I
X
A
M
E
S
R
E
V
E
R
T
N
E
R
R
U
C
)
A
u
(
R
I
)
V
(
R
V
.
P
M
E
T
.
F
F
E
O
C
z
v
d
/
%
(
o
)
C
B
3
2
2
5
N
10
2
7
.
20
2
0
30
0
3
15
7
0
.
10
8
0
.
0
-
B
4
2
2
5
N
10
2
8
.
20
2
0
30
0
4
15
7
0
.
10
8
0
.
0
-
B
5
2
2
5
N
10
2
0
.
30
2
9
20
0
6
10
5
0
.
15
7
0
.
0
-
B
6
2
2
5
N
10
2
3
.
30
2
8
20
0
6
15
2
0
.
10
7
0
.
0
-
B
7
2
2
5
N
10
2
6
.
30
2
4
20
0
7
15
1
0
.
15
6
0
.
0
-
B
8
2
2
5
N
10
2
9
.
30
2
3
20
0
9
10
1
0
.
10
6
0
.
0
-
B
9
2
2
5
N
10
2
3
.
40
2
2
20
0
0
25
0
.
15
5
0
.
0
-
/
+
B
0
3
2
5
N
10
2
7
.
40
2
9
10
0
9
15
0
.
20
3
0
.
0
-
/
+
B
1
3
2
5
N
10
2
1
.
50
2
7
10
0
6
15
0
.
20
3
0
.
0
-
/
+
B
2
3
2
5
N
10
2
6
.
50
2
1
10
0
6
15
0
.
38
3
0
.
0
-
/
+
B
3
3
2
5
N
10
2
0
.
60
2
70
0
6
15
5
.
38
3
0
.
0
-
/
+
B
4
3
2
5
N
10
2
2
.
60
2
70
0
0
15
0
.
45
4
0
.
0
+
B
5
3
2
5
N
10
2
8
.
60
2
50
5
73
6
.
50
5
0
.
0
+
2.0
ma x .
26 M IN
0.4 5 7
0.5 5 9
4.2
ma x .
26 M IN
DIA.
DIA.


Similar Part No. - 1N5228B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
1N5228B TGS-1N5228B Datasheet
264Kb / 3P
   Zener diode
logo
Vishay Siliconix
1N5228B VISHAY-1N5228B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5228B ZSELEC-1N5228B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Fairchild Semiconductor
1N5228B FAIRCHILD-1N5228B Datasheet
193Kb / 4P
   Zeners
logo
Yea Shin Technology Co....
1N5228B YEASHIN-1N5228B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - 1N5228B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5221B MOTOROLA-1N5221B Datasheet
441Kb / 9P
   500mW DO-35 GLASS
logo
Cystech Electonics Corp...
CBZX55CXXLC CYSTEKEC-CBZX55CXXLC Datasheet
139Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
   500mW DO-35 Hermetically glass sealed switching diode
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
logo
NEC
RD200E NEC-RD200E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com