Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8851DBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8851DBG
Description  Automotive Grade Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8851DBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8851DBG Datasheet HTML 1Page - ON Semiconductor NCV8851DBG Datasheet HTML 2Page - ON Semiconductor NCV8851DBG Datasheet HTML 3Page - ON Semiconductor NCV8851DBG Datasheet HTML 4Page - ON Semiconductor NCV8851DBG Datasheet HTML 5Page - ON Semiconductor NCV8851DBG Datasheet HTML 6Page - ON Semiconductor NCV8851DBG Datasheet HTML 7Page - ON Semiconductor NCV8851DBG Datasheet HTML 8Page - ON Semiconductor NCV8851DBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCV8851
http://onsemi.com
3
PACKAGE PIN DESCRIPTIONS − 20 Lead TSSOP
Package Pin#
Pin Symbol
Function
1
SYNC
External clock synchronization input.
2
VIN_CS
Supply input for the internal current sense amplifier.
3
VIN_IC
Supply input for internal logic and analog circuitry.
4
BST
Supply input for the floating top gate driver. An external diode, DBST, from 6VOUT and a
0.1 mF to 1 mF capacitor, CBST, to VSW forms a boost circuit.
5
GH
Gate driver output for the external high−side NMOS FET.
6
VSW
Switch−node. This pin connects to the source of the high−side MOSFET and drain of the
low−side MOSFET. This pin serves as the switch output to the inductor.
7
GL
Gate driver output for the external low−side NMOS FET.
8
PGND
Power Ground. Ground reference for the high−current path including the NMOS FETs and
output capacitor.
9
6VOUT
Output of internal fixed 6.0 V LDO.
10
AGND
Analog Ground. Ground reference for the internal logic and analog circuitry as well as ROSC
and the compensators.
11
EN
Enable input. When disabled, the LDO, internal logic and analog circuitry and gate drivers
enter sleep mode, drawing under 1 mA.
12
VIN
Supply input for the SMPS.
13
VFB
SMPS’s voltage feedback. Inverting input to the voltage error amplifier. Connect to VOUT
through a resistive divider.
14
VCOMP
SMPS’s voltage error amplifier output and non−inverting input to the current error amplifier.
15
CCOMP
SMPS’s current error amplifier output and inverting input to the PWM comparator.
16
CFB
SMPS’s current feedback. Inverting input to the current error amplifier.
17
CSOUT
Single−ended output of the differential current sense amplifier. Connect to CFB through a
resistor. Non−inverting input to the cycle−by−cycle overcurrent comparator.
18
CSN
Differential current sense amplifier inverting input.
19
CSP
Differential current sense amplifier non−inverting input.
20
ROSC
Oscillator’s frequency adjust pin. Resistor to ground sets the oscillator frequency.
MAXIMUM RATINGS (Voltages are with respect to AGND unless otherwise indicated.)
Rating
Value
Unit
Dc Supply Voltage (VIN)
Peak Transient Voltage (Load Dump, EN = 0 V)
−0.3 to 20
45
V
Dc Supply Voltage (VIN_CS)
46
V
Dc Supply Voltage (VIN_IC)
6.5
V
Pin Voltage (VSW)
t
50 ns
−0.7 to 40.7
−2
V
Pin Voltage (BST, GH)
46 wrt PGND
7 wrt VSW
V
Pin Voltage (GL)
−0.3 to 7 wrt PGND
V
Pin Voltage (EN)
−0.3 to 40
V
Pin Voltage (CSP, CSN)
−0.3 to 10
V
Pin Voltage (VFB, VCOMP, CSOUT, CFB, CCOMP, SYNC, ROSC, 6VOUT)
−0.3 to 7
V
Pin Voltage (PGND)
−0.3 to 0.3
V
Operating Junction Temperature
−40 to 150
°C
Storage Temperature Range
−65 to 150
°C
Peak Reflow Soldering Temperature: Lead−free 60 to 150 seconds at 217°C
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCV8851DBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851BDBR2G ONSEMI-NCV8851BDBR2G Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
More results

Similar Description - NCV8851DBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
   Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8853 ONSEMI-NCV8853_16 Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com