Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8665D50G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8665D50G
Description  150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8665D50G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8665D50G Datasheet HTML 1Page - ON Semiconductor NCV8665D50G Datasheet HTML 2Page - ON Semiconductor NCV8665D50G Datasheet HTML 3Page - ON Semiconductor NCV8665D50G Datasheet HTML 4Page - ON Semiconductor NCV8665D50G Datasheet HTML 5Page - ON Semiconductor NCV8665D50G Datasheet HTML 6Page - ON Semiconductor NCV8665D50G Datasheet HTML 7Page - ON Semiconductor NCV8665D50G Datasheet HTML 8Page - ON Semiconductor NCV8665D50G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NCV8665
http://onsemi.com
5
TYPICAL CHARACTERISTIC CURVES
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0
50
100
150
200
LOAD CURRENT (mA)
Figure 3. NCV8665 Dropout Voltage vs. Load
Current
125°C
25°C
−40°C
0
1
2
3
4
5
6
0
1020304050
INPUT VOLTAGE (V)
Figure 4. NCV8665 Input Voltage vs. Output
Voltage (Full Range)
0
1
2
3
4
5
6
024
68
10
INPUT VOLTAGE (V)
Figure 5. NCV8665 Input Voltage vs. Output
Voltage (Low Voltage)
0
2
4
6
8
10
12
14
16
18
0
50
100
150
OUTPUT LOAD (mA)
Figure 6. NCV8665 Stability Curve
Unstable Region
Vin = 13.5 V
CLOAD w 10 mF
Stable Region
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
LOAD CURRENT (mA)
Figure 7. NCV8665 Quiescent Current vs. Load
Current (Full Range)
125°C
25°C
−40°C
Vin = 13.5 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
5
10
15
20
25
125°C
25°C
−40°C
LOAD CURRENT (mA)
Figure 8. NCV8665 Quiescent Current vs. Load
Current (Light Load)
Vin = 13.5 V
Load = 5 mA
Load = 5 mA


Similar Part No. - NCV8665D50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86601BD33R2G ONSEMI-NCV86601BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86601BD50R2G ONSEMI-NCV86601BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
More results

Similar Description - NCV8665D50G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
   Low-Dropout, 500mA Linear Regulator with Reset
logo
ON Semiconductor
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com