Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8606MN15T2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV8606MN15T2G
Description  500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8606MN15T2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV8606MN15T2G Datasheet HTML 2Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 3Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 4Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 5Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 6Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 7Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 8Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 9Page - ON Semiconductor NCV8606MN15T2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCV8605, NCV8606
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 9. Output Voltage vs. Temperature
(Vout = 1.25 V)
1.231
1.234
1.237
1.240
1.243
1.246
1.249
1.252
1.255
1.258
1.261
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 0.5 V = 1.75 V
Vin = 6.0 V
Vout = 1.25 V
Iout = 1 mA
Figure 10. Output Voltage vs. Temperature
(Vout = 2.5 V)
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 0.5 V = 3.0 V
Vin = 6.0 V
Figure 11. Output Voltage vs. Temperature
(Vout = 5.0 V)
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vin = 6.0 V
Vin = Vout + 0.5 V = 5.5 V
Figure 12. Dropout Voltage vs. Temperature
(Vout = 2.5 V)
0
30
60
90
120
150
180
210
240
270
300
TA, AMBIENT TEMPERATURE (°C)
Iout = 500 mA
Iout = 300 mA
Iout = 150 mA
Figure 13. Dropout Voltage vs. Temperature
(Vout = 5.0 V)
0
20
40
60
80
100
120
140
160
180
200
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Iout = 150 mA
Iout = 300 mA
Iout = 500 mA
Figure 14. Ground Current vs. Temperature
80
90
100
110
120
130
140
150
160
170
180
−40 −20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
Vout = 5.0 V
Vout = 2.5 V
Vout = 1.25 V
Vin = Vout + 0.5 V
Iout = 500 mA
Vout = 5.0 V
Iout = 1 mA
Vout = 2.5 V
Vout = 5.0 V
1.264
1.267
120 140
Vout = 2.5 V
Iout = 1 mA
120 140
120
140
−40
−20
0
20
40
60
80 100
120 140
120 140
120 140


Similar Part No. - NCV8606MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8606MN15T2G ONSEMI-NCV8606MN15T2G Datasheet
174Kb / 12P
   CMOS LDO Regulator
June, 2013 ??Rev. 2
More results

Similar Description - NCV8606MN15T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP603 ONSEMI-NCP603 Datasheet
135Kb / 13P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
November, 2007 - Rev. P1
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP605 ONSEMI-NCP605_13 Datasheet
137Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator
January, 2013 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com