Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8560MN330R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8560MN330R2G
Description  High Performance Low-Power, LDO Regulator with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560MN330R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8560MN330R2G Datasheet HTML 1Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 2Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 3Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 4Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 5Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 6Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 7Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 8Page - ON Semiconductor NCV8560MN330R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2008
May, 2008 − Rev. 1
1
Publication Order Number:
NCV8560/D
NCV8560
High Performance
Low-Power, LDO Regulator
with Enable
The NCV8560 provides 150 mA of output current at fixed voltage
options, or an adjustable output voltage from 5.0 V down to 1.250 V. It
is designed for portable battery powered applications and offers high
performance features such as low power operation, fast enable
response time, and low dropout.
The device is designed to be used with low cost ceramic capacitors
and is packaged in the DFN6, 3x3 and TSOP−5 packages.
Features
Output Voltage Options:
Adjustable, 1.3 V, 1.5 V, 1.8 V, 2.5 V, 2.8 V, 3.0 V, 3.3 V, 3.5 V, 5.0 V
Ultra−Low Dropout Voltage of 150 mV at 150 mA
Adjustable Output by External Resistors from 5.0 V down to 1.250 V
Fast Enable Turn−on Time of 15 ms
Wide Supply Voltage Range Operating Range
Excellent Line and Load Regulation
High Accuracy up to 1.5% Output Voltage Tolerance over All
Operating Conditions
Typical Noise Voltage of 50 mVrms without a Bypass Capacitor
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Package is Available
Typical Applications
SMPS Post−Regulation
Hand−held Instrumentation
Noise Sensitive Circuits – VCO, RF Stages, etc.
Camcorders and Cameras
Figure 1. Simplified Block Diagram
Driver w/
Current Limit
Thermal
Shutdown
-
+
ENABLE
VOUT
ADJ
GND
VIN
+
1.25 V
Fixed Voltage Only
Adjustable Version Only
MARKING
DIAGRAMS
http://onsemi.com
V8560 = Specific Device Code
xxx
= ADJ, 150, 180, 250, 280,
300, 330, 350 or 500
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
DFN6, 3x3
MN SUFFIX
CASE 488AE
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
1
V8560
xxx
ALYWG
TSOP−5
SN SUFFIX
CASE 483
1
5
xxxAYWG
G
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5


Similar Part No. - NCV8560MN330R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560MN330R2G ONSEMI-NCV8560MN330R2G Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
NCV8560MN330R2G ONSEMI-NCV8560MN330R2G Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results

Similar Description - NCV8560MN330R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com