Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC164DE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74HC164DE4
Description  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC164DE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74HC164DE4 Datasheet HTML 4Page - Texas Instruments SN74HC164DE4 Datasheet HTML 5Page - Texas Instruments SN74HC164DE4 Datasheet HTML 6Page - Texas Instruments SN74HC164DE4 Datasheet HTML 7Page - Texas Instruments SN74HC164DE4 Datasheet HTML 8Page - Texas Instruments SN74HC164DE4 Datasheet HTML 9Page - Texas Instruments SN74HC164DE4 Datasheet HTML 10Page - Texas Instruments SN74HC164DE4 Datasheet HTML 11Page - Texas Instruments SN74HC164DE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74HC164PWTE4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74HC164PWTG4
ACTIVE
TSSOP
PW
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54HC164FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ54HC164J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ54HC164W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 2


Similar Part No. - SN74HC164DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC164DE4 TI-SN74HC164DE4 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DE4 TI-SN74HC164DE4 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164DE4 TI1-SN74HC164DE4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
More results

Similar Description - SN74HC164DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com