Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC05DRE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC05DRE4
Description  HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC05DRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC05DRE4 Datasheet HTML 1Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 2Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 3Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 4Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 5Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 6Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 7Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 8Page - Texas Instruments SN74HC05DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54HC05, SN74HC05
HEX INVERTERS
WITH OPEN-DRAIN OUTPUTS
SCLS080D – MARCH 1984 – REVISED AUGUST 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC05
SN74HC05
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH
VI = VIH or VIL,
VO = VCC
6 V
0.01
0.5
10
5
µA
V
V = V
or V
I
= 20 A
2 V
0.002
0.1
0.1
0.1
V
V
V = V
or V
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
OL
6 V
0.001
0.1
0.1
0.1
V
OL
IIH
IL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
2
40
20
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC05
SN74HC05
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A
Y
2 V
60
115
175
145
ns
tPLH
A
Y
4.5 V
13
23
35
29
ns
PLH
6 V
10
20
30
25
t
A
Y
2 V
45
85
130
105
ns
tPHL
A
Y
4.5 V
9
17
26
21
ns
PHL
6 V
8
14
22
18
t
Y
2 V
38
75
110
95
ns
tf
Y
4.5 V
8
15
22
19
ns
f
6 V
6
13
19
16
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF


Similar Part No. - SN74HC05DRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05DRE4 TI1-SN74HC05DRE4 Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
More results

Similar Description - SN74HC05DRE4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com