Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS9637DGKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS9637DGKRG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS9637DGKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVDS9637DGKRG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS9637DGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
www.ti.com
logic symbol
2Y
1Y
2B
2A
1B
1A
5
6
7
8
3
2
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC
Publication 617-12.
SN65LVDS9637
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
300 k
300 k
VCC
7 V
7 V
A Input
B Input
7 V
50
VCC
Input
VCC
5
7 V
Y Output
EQUIVALENT OF EACH A OR B INPUT
EQUIVALENT OF G, G, 1,2EN OR
3,4EN INPUTS
TYPICAL OF ALL OUTPUTS
ABSOLUTE MAXIMUM RATINGS
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262Q – JULY 1997 – REVISED JULY 2007
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
Enables and output
–0.5 V to VCC + 0.5 V
VI
Input voltage range
A or B
–0.5 V to 4 V
Continuous total power dissipation
See Dissipation Rating Table
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages, except differential I/O bus voltages, are with respect to the network ground terminal.
4
Submit Documentation Feedback


Similar Part No. - SN65LVDS9637DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS9637DGKRG4 TI-SN65LVDS9637DGKRG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS9637DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com