Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8440 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8440
Description  Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8440 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8440 Datasheet HTML 1Page - ON Semiconductor NCV8440 Datasheet HTML 2Page - ON Semiconductor NCV8440 Datasheet HTML 3Page - ON Semiconductor NCV8440 Datasheet HTML 4Page - ON Semiconductor NCV8440 Datasheet HTML 5Page - ON Semiconductor NCV8440 Datasheet HTML 6Page - ON Semiconductor NCV8440 Datasheet HTML 7Page - ON Semiconductor NCV8440 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 5
1
Publication Order Number:
NCV8440/D
NCV8440
Protected Power MOSFET
2.6 A, 52 V, N−Channel, Logic Level,
Clamped MOSFET w/ ESD Protection
Benefits
High Energy Capability for Inductive Loads
Low Switching Noise Generation
Features
Diode Clamp Between Gate and Source
ESD Protection − HBM 5000 V
Active Over−Voltage Gate to Drain Clamp
Scalable to Lower or Higher RDS(on)
Internal Series Gate Resistance
These are Pb−Free Devices
Applications
Automotive and Industrial Markets:
Solenoid Drivers, Lamp Drivers, Small Motor Drivers
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Gate
(Pin 1)
Overvoltage
Protection
ESD Protection
http://onsemi.com
SOT−223
CASE 318E
STYLE 3
DRAIN
GATE
DRAIN
SOURCE
AYW
F9N05 G
G
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
12
3
4
VDSS
(Clamped)
RDS(ON) TYP
ID MAX
52 V
95 mW @ 10 V
2.6 A
Source (Pin 3)
Drain (Pins 2, 4)
(Note: Microdot may be in either location)
1 = Gate
2 = Drain
3 = Source
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
NCV8440STT1G
SOT−223
(Pb−Free)
1000/Tape & Reel
NCV8440STT3G
SOT−223
(Pb−Free)
4000/Tape & Reel


Similar Part No. - NCV8440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440 ONSEMI-NCV8440 Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NCV8440A ONSEMI-NCV8440A Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
NCV8440ACWP ONSEMI-NCV8440ACWP Datasheet
62Kb / 2P
   Protected Power MOSFET
November, 2011 ??Rev. 2
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
89Kb / 9P
   Protected Power MOSFET
May, 2016 ??Rev. 7
More results

Similar Description - NCV8440

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8440ASTT1G ONSEMI-NCV8440ASTT1G Datasheet
126Kb / 9P
   Protected Power MOSFET 2.6 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ ESD Protection
November, 2011 ??Rev. 6
NID9N05ACLT4G ONSEMI-NID9N05ACLT4G Datasheet
123Kb / 7P
   9.0 A, 52 V, N?묬hannel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
December, 2013 ??Rev. 10
NTD6600N ONSEMI-NTD6600N Datasheet
69Kb / 6P
   Power MOSFET 100 V, 12 A, N?묬hannel, Logic Level DPAK
March, 2007 ??Rev. 4
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTF3055L108 ONSEMI-NTF3055L108 Datasheet
80Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
December, 2005 ??Rev. 4
NVF3055L108T1G ONSEMI-NVF3055L108T1G Datasheet
117Kb / 6P
   Power MOSFET 3.0 A, 60 V, Logic Level, N?묬hannel SOT??23
October, 2011 ??Rev. 6
MTP10N10EL ONSEMI-MTP10N10EL Datasheet
107Kb / 8P
   Power MOSFET 10 A, 100 V, Logic Level, N?묬hannel TO??20
March, 2005 ??Rev. 4
NTMYS7D3N04CL ONSEMI-NTMYS7D3N04CL Datasheet
322Kb / 7P
   Power MOSFET 40 V, 7.3 m, 52 A, Single N?묬hannel
March, 2019-Rev. 0
NTMFS4C08NT1G ONSEMI-NTMFS4C08NT1G Datasheet
129Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
March, 2013 ??Rev. 1
NTMFS4C09NT1G ONSEMI-NTMFS4C09NT1G Datasheet
132Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com