Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HC74FK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC74FK
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54HC74FK Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54HC74FK Datasheet HTML 1Page - Texas Instruments SNJ54HC74FK Datasheet HTML 2Page - Texas Instruments SNJ54HC74FK Datasheet HTML 3Page - Texas Instruments SNJ54HC74FK Datasheet HTML 4Page - Texas Instruments SNJ54HC74FK Datasheet HTML 5Page - Texas Instruments SNJ54HC74FK Datasheet HTML 6Page - Texas Instruments SNJ54HC74FK Datasheet HTML 7Page - Texas Instruments SNJ54HC74FK Datasheet HTML 8Page - Texas Instruments SNJ54HC74FK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN54HC74, SN74HC74
DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCLS094D – DECEMBER 1982 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 40-µA Max ICC
D Typical tpd = 15 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
The ’HC74 devices contain two independent
D-type positive-edge-triggered flip-flops. A low
level at the preset (PRE) or clear (CLR) inputs sets
or resets the outputs, regardless of the levels of
the other inputs. When PRE and CLR are inactive
(high), data at the data (D) input meeting the setup
time requirements are transferred to the outputs
on the positive-going edge of the clock (CLK)
pulse. Clock triggering occurs at a voltage level
and is not directly related to the rise time of CLK.
Following the hold-time interval, data at the
D input can be changed without affecting the
levels at the outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube of 25
SN74HC74N
SN74HC74N
Tube of 50
SN74HC74D
SOIC – D
Reel of 2500
SN74HC74DR
HC74
Reel of 250
SN74HC74DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC74NSR
HC74
SSOP – DB
Reel of 2000
SN74HC74DBR
HC74
Tube of 90
SN74HC74PW
TSSOP – PW
Reel of 2000
SN74HC74PWR
HC74
Reel of 250
SN74HC74PWT
CDIP – J
Tube of 25
SNJ54HC74J
SNJ54HC74J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC74W
SNJ54HC74W
LCCC – FK
Tube of 55
SNJ54HC74FK
SNJ54HC74FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLR
1D
1CLK
1PRE
1Q
1Q
GND
VCC
2CLR
2D
2CLK
2PRE
2Q
2Q
SN54HC74 ...J OR W PACKAGE
SN74HC74 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2D
NC
2CLK
NC
2PRE
1CLK
NC
1PRE
NC
1Q
SN54HC74 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SNJ54HC74FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC74FK TI-SNJ54HC74FK Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SNJ54HC74FK TI1-SNJ54HC74FK Datasheet
164Kb / 15P
[Old version datasheet]   Dual D-Type Positive-Edge-Triggered Flip-Flops
More results

Similar Description - SNJ54HC74FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC74 TI-CD54AC74 Datasheet
330Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54AHC74 TI-SN54AHC74 Datasheet
105Kb / 19P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC74 TI-SN54HC74 Datasheet
96Kb / 16P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74HCT74A HITACHI-HD74HCT74A Datasheet
57Kb / 10P
   Dual D-type Positive Edge-triggered Flip Flops with Clear and Preset
logo
Potato Semiconductor Co...
PO54G74A POTATO-PO54G74A Datasheet
563Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Texas Instruments
SN5474 TI1-SN5474_15 Datasheet
1Mb / 23P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
SN54AHC74 TI1-SN54AHC74_15 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
SN54AHC74 TI-SN54AHC74_06 Datasheet
891Kb / 21P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
SN74LS74ADRG4 TI-SN74LS74ADRG4 Datasheet
1Mb / 21P
[Old version datasheet]   DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLIP-FLOPS WITH PRESET AND CLEAR
SN54ACT74 TI-SN54ACT74 Datasheet
86Kb / 6P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS74A HITACHI-HD74LS74A Datasheet
69Kb / 6P
   Dual D-type Positive Edge-triggered Flip-Flops(With Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com