Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AHC08DE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74AHC08DE4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC08DE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AHC08DE4 Datasheet HTML 1Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 2Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 3Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 4Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 5Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 6Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 7Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 8Page - Texas Instruments SN74AHC08DE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHC08, SN74AHC08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS236H − OCTOBER 1995 − REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC08
SN74AHC08
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
C
15 pF
6.2*
8.8*
1*
10.5*
1
10.5
ns
tPHL
A or B
Y
CL = 15 pF
6.2*
8.8*
1*
10.5*
1
10.5
ns
tPLH
AorB
Y
C =50pF
8.7
12.3
1
14
1
14
ns
tPHL
A or B
Y
CL = 50 pF
8.7
12.3
1
14
1
14
ns
On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC08
SN74AHC08
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
AorB
Y
C
15 pF
4.3*
5.9*
1*
7*
1
7
ns
tPHL
A or B
Y
CL = 15 pF
4.3*
5.9*
1*
7*
1
7
ns
tPLH
AorB
Y
C =50pF
5.8
7.9
1
9
1
9
ns
tPHL
A or B
Y
CL = 50 pF
5.8
7.9
1
9
1
9
ns
On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74AHC08
UNIT
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.4
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
18
pF


Similar Part No. - SN74AHC08DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC08DE4 TI-SN74AHC08DE4 Datasheet
737Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN74AHC08DE4 TI1-SN74AHC08DE4 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
More results

Similar Description - SN74AHC08DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com