Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6424 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA6424
Description  LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6424 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA6424 Datasheet HTML 2Page - Texas Instruments TCA6424 Datasheet HTML 3Page - Texas Instruments TCA6424 Datasheet HTML 4Page - Texas Instruments TCA6424 Datasheet HTML 5Page - Texas Instruments TCA6424 Datasheet HTML 6Page - Texas Instruments TCA6424 Datasheet HTML 7Page - Texas Instruments TCA6424 Datasheet HTML 8Page - Texas Instruments TCA6424 Datasheet HTML 9Page - Texas Instruments TCA6424 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
S
1
2
8
9
NACK
ACK
DataOutput
byTransmitter
DataOutput
byReceiver
SCL From
Master
Start
Condition
ClockPulsefor
Acknowledgment
0
Slave Address
1
0
0
0
1
AD
DR R/W
Fixed
Programmable
TCA6424
SCPS175A – NOVEMBER 2007 – REVISED NOVEMBER 2009
www.ti.com
Figure 3. Acknowledgment on the I2C Bus
Table 3. Interface Definition
BIT
BYTE
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C slave address
L
H
L
L
L
H
ADDR
R/W
P07
P06
P05
P04
P03
P02
P01
P00
I/O data bus
P17
P16
P15
P14
P13
P12
P11
P10
P27
P26
P25
P24
P23
P22
P21
P20
Device Address
The address of the TCA6424 is shown in Figure 4.
Figure 4. TCA6424 Address
Table 4. Address Reference
ADDR
I2C BUS SLAVE ADDRESS
L
34 (decimal), 22 (hexadecimal)
H
35 (decimal), 23 (hexadecimal)
The last bit of the slave address defines the operation (read or write) to be performed. A high (1) selects a read
operation, while a low (0) selects a write operation.
Control Register and Command Byte
Following the successful acknowledgment of the address byte, the bus master sends a command byte, which is
stored in the control register in the TCA6424. Four bits of this data byte state the operation (read or write) and
the internal registers (input, output, polarity inversion, or configuration) that will be affected. The control register
can be written or read through the I2C bus. The command byte is sent only during a write transmission.
6
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TCA6424


Similar Part No. - TCA6424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARGJR TI-TCA6424ARGJR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424ARSMR TI-TCA6424ARSMR Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424RGJR TI-TCA6424RGJR Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6424

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424 Datasheet
728Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com