Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH125NSRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH125NSRE4
Description  3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH125NSRE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVTH125NSRE4 Datasheet HTML 1Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 2Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 3Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 4Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 5Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 6Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 7Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 8Page - Texas Instruments SN74LVTH125NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54LVTH125, SN74LVTH125
3.3V ABT QUADRUPLE BUS BUFFERS
WITH 3STATE OUTPUTS
SCBS703I − AUGUST 1997 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance
or power-off state, VO (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . .
Current into any output in the low state, IO: SN54LVTH125
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74LVTH125
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the high state, IO (see Note 2): SN54LVTH125
48 mA
. . . . . . . . . . . . . . . . . . . . . . .
SN74LVTH125
64 mA
. . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): DGV package
127
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): PW package
113
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 4): RGY package
47
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This current flows only when the output is in the high state and VO > VCC.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
4. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 5)
SN54LVTH125
SN74LVTH125
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2.7
3.6
2.7
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
5.5
5.5
V
IOH
High-level output current
−24
−32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 5: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH125NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH125NSRE4 TI-SN74LVTH125NSRE4 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH125NSRE4 TI-SN74LVTH125NSRE4 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH125NSRE4 TI-SN74LVTH125NSRE4 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH125NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH125 TI-SN54LVTH125_09 Datasheet
765Kb / 19P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVT125 TI-SN54LVT125 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH126 TI-SN54LVTH126 Datasheet
506Kb / 16P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVT125 TI-SN74LVT125_06 Datasheet
276Kb / 12P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125_07 Datasheet
705Kb / 17P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN54LVTH125 TI-SN54LVTH125 Datasheet
103Kb / 15P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126 TI-SN74LVTH126 Datasheet
333Kb / 13P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LVTH126PWE4 TI-SN74LVTH126PWE4 Datasheet
707Kb / 18P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUT
SN74LVT125-Q1 TI1-SN74LVT125-Q1 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
SN74LVTH125-EP TI1-SN74LVTH125-EP Datasheet
431Kb / 9P
[Old version datasheet]   3.3-V ABT QUADRUPLE BUS BUFFER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com