Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5392 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5392
Description  2/3/4-Phase Controller for CPU Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5392 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5392 Datasheet HTML 5Page - ON Semiconductor NCP5392 Datasheet HTML 6Page - ON Semiconductor NCP5392 Datasheet HTML 7Page - ON Semiconductor NCP5392 Datasheet HTML 8Page - ON Semiconductor NCP5392 Datasheet HTML 9Page - ON Semiconductor NCP5392 Datasheet HTML 10Page - ON Semiconductor NCP5392 Datasheet HTML 11Page - ON Semiconductor NCP5392 Datasheet HTML 12Page - ON Semiconductor NCP5392 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
NCP5392
http://onsemi.com
9
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0°C < TA < 85°C; 4.75 V < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Test Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Input Bias Current (Note 3)
−200
200
nA
Noninverting Voltage Range (Note 3)
0
1.3
3
V
Input Offset Voltage (Note 3)
V+ = V− = 1.1 V
−1.0
1.0
mV
Open Loop DC Gain
CL = 60 pF to GND,
RL = 10 KW to GND
100
dB
Open Loop Unity Gain Bandwidth
CL = 60 pF to GND,
RL = 10 KW to GND
10
MHz
Open Loop Phase Margin
CL = 60 pF to GND,
RL = 10 KW to GND
80
°
Slew Rate
DVin = 100 mV, G = − 10 V/V,
DVout = 1.5 V – 2.5 V,
CL = 60 pF to GND,
DC Load = ±125 mA to GND
5
V/ms
Maximum Output Voltage
ISOURCE = 2.0 mA
3.5
V
Minimum Output Voltage
ISINK = 0.2 mA
50
mV
Output source current (Note 3)
Vout = 3.5 V
2
mA
Output sink current (Note 3)
Vout = 1.0 V
2
mA
DIFFERENTIAL SUMMING AMPLIFIER
VSN Input Bias Current
VSN Voltage = 0 V
30
mA
VSP Input Resistance
DRVON = Low
DRVON = High
1.5
17
kW
VSP Input Bias Voltage
DRVON = Low
DRVON = High
0.09
0.66
V
Input Voltage Range (Note 3)
−0.3
3.0
V
−3 dB Bandwidth
CL = 80 pF to GND,
RL = 10 KW to GND
10
MHz
Closed Loop DC Gain VS to Diffout
VS+ to VS− = 0.5 to 1.6 V
0.98
1.0
1.025
V/V
Maximum Output Voltage
ISOURCE = 2 mA
3.0
V
Minimum Output Voltage
ISINK = 2 mA
0.5
V
Output source current (Note 3)
Vout = 3 V
2.0
mA
Output sink current (Note 3)
Vout = 0.5 V
2.0
mA
INTERNAL OFFSET VOLTAGE
Offset Voltage to the (+) Pin of the
Error Amp and the VDRP pin
1.30
V
VDROOP AMPLIFIER
Input Bias Current (Note 3)
−200
200
nA
Non−inverting Voltage Range (Note 3)
0
1.3
3
V
Input Offset Voltage (Note 3)
V+ = V− = 1.1 V
−4.0
4.0
mV
Open Loop DC Gain
CL = 20 pF to GND including
ESD, RL = 1 kW to GND
100
dB
Open Loop Unity Gain Bandwidth
CL = 20 pF to GND including
ESD, RL = 1 kW to GND
10
MHz
Slew Rate
CL = 20 pF to GND including
ESD, RL = 1 kW to GND
5
V/ms
Maximum Output Voltage
ISOURCE = 4.0 mA
3
V
Minimum Output Voltage
ISINK = 1.0 mA
1
V
Output source current (Note 3)
Vout = 3.0 V
4
mA
Output sink current (Note 3)
Vout = 1.0 V
1
mA
3. Guaranteed by design, not tested in production.


Similar Part No. - NCP5392

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392PMNR2G ONSEMI-NCP5392PMNR2G Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392QMNR2G ONSEMI-NCP5392QMNR2G Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results

Similar Description - NCP5392

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com