Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5391 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5391
Description  2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5391 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5391 Datasheet HTML 6Page - ON Semiconductor NCP5391 Datasheet HTML 7Page - ON Semiconductor NCP5391 Datasheet HTML 8Page - ON Semiconductor NCP5391 Datasheet HTML 9Page - ON Semiconductor NCP5391 Datasheet HTML 10Page - ON Semiconductor NCP5391 Datasheet HTML 11Page - ON Semiconductor NCP5391 Datasheet HTML 12Page - ON Semiconductor NCP5391 Datasheet HTML 13Page - ON Semiconductor NCP5391 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
NCP5391
http://onsemi.com
10
ELECTRICAL CHARACTERISTICS
(0
°C < TA < 70°C; 0°C < TJ < 85°C; 10.8 V < VCC < 13.2 V; All DAC Codes; CVCC = 0.1 mF, FSW = 400 kHz, unless otherwise stated)
Parameter
Unit
Max
Typ
Min
Test Conditions
MODULATORS (PWM COMPARATORS)
PWM Comparator Offset Mismatch
(Note 1)
Between any 2 phases,
FS = 400 kHz
-
-
40
mV
Phase Angle Error
Between adjacent phases,
FS = 400 kHz
-15
-
15
°
Propagation Delay (Note 1)
Ramp/Comp crossing to Gx high
-
20
-
ns
Propagation Delay (Note 1)
Ramp/Comp crossing to Gx low
-
20
-
ns
PWM OUTPUTS
Output High Voltage
Sourcing 500
mA
3.3
4.0
4.7
V
Output Low Voltage
Sinking 500
mA
-
25
100
mV
Rise Time
CL = 20 pF, DVo = 0.3 to 2.0 V
-
10
-
ns
Fall Time
CL = 20 pF, DVo = Vmax to 0.7 V
-
10
-
ns
Output Impedance – LO State
Resistance to GND (Gx = LO)
-
50
-
W
G3 Gate Pin Source Current during
Phase Detect
-
70
-
mA
Phase Detection Period
-
50
-
ms
G3 Phase Detect Threshold
Resistance
-
-
1.0
k
W
GATE DRIVER ENABLE (DRVON)
Output High Voltage
Sourcing 500
mA
4.0
5.3
5.5
V
Output Low Voltage
Sinking 500
mA
-
50
200
mV
Rise Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
-
25
-
ns
Fall Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
-
25
-
ns
Internal Pulldown Resistance
VCC < UVLO Threshold
-
70
140
k
W
VR_RDY (POWER GOOD) OUTPUT
Saturation Voltage
ISINK = 10 mA
-
-
0.4
V
Rise Time
External pullup of 1.0 k
W to 1.25 V, CLOAD = 20 pF,
DVo = 10% to 90%
-
-
150
ns
Output Voltage at Power-up (Note 1)
External VR_RDY pullup resistor of 2.0 k
W to 5.0 V,
tR_VCC ≤ 3 x tR_5V,
100
ms ≤ tR_VCC ≤ 20 ms
-
-
1.0
V
High – Output Leakage Current
VR_RDY = 5.5 V via 1.0 K
-
-
1.0
mA
Upper Threshold Voltage
VCORE increasing,
DAC = 1.3 V
-
300
-
mV
below
DAC
Rising Delay
VCORE increasing
0.3
1.40
2.0
ms
Falling Delay
VCORE decreasing
-
5.0
-
ms
SOFT-ST ART
SS Pin Source Current
ENABLE = HI, VSS PIN < 1.1 V
-
5.0
-
mA
SS Pin Source Current
ENABLE = HI, VSS PIN > 1.15 V, VR11 SS Mode
Only
125
-
-
mA
Soft-Start Ramp Time
CSS = 0.01 mF, DRVON = HI to VSS PIN = 1.1 V
1.5
2.2
3.0
ms
SS Pin Discharge Voltage
ENABLE = LO
-
-
50
mV
1. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5391

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392MNR2G ONSEMI-NCP5392MNR2G Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392PMNR2G ONSEMI-NCP5392PMNR2G Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
More results

Similar Description - NCP5391

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5389 ONSEMI-NCP5389 Datasheet
478Kb / 28P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5388 ONSEMI-NCP5388 Datasheet
334Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
April, 2007 ??Rev. 3
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
   2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
logo
STMicroelectronics
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
   2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
   2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com