Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5389 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5389
Description  2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5389 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5389 Datasheet HTML 4Page - ON Semiconductor NCP5389 Datasheet HTML 5Page - ON Semiconductor NCP5389 Datasheet HTML 6Page - ON Semiconductor NCP5389 Datasheet HTML 7Page - ON Semiconductor NCP5389 Datasheet HTML 8Page - ON Semiconductor NCP5389 Datasheet HTML 9Page - ON Semiconductor NCP5389 Datasheet HTML 10Page - ON Semiconductor NCP5389 Datasheet HTML 11Page - ON Semiconductor NCP5389 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
NCP5389
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
(0°C < TA < 70°C; 0°C < TJ < 85°C; 10.8 V < VCC < 13.2 V; All DAC Codes; CVCC = 0.1 mF, FSW = 400 kHz, unless otherwise stated)
Parameter
Test Conditions
Min
Typ
Max
Units
REMOTE SENSE DIFFERENTIAL AMPLIFIER
VS+ Input Resistance (Note 2)
DRVON = High
DRVON = Low
17
0.5
kW
VS+ Input Open Circuit Voltage
(Note 2)
DRVON = High
DRVON = Low
0.67
0.05
V
VS− Input Resistance (Note 2)
VS+ = DAC Voltage
DRVON = High
10
kW
VS− Input Open Circuit Voltage
(Note 2)
DRVON = High
VS+ = DAC Voltage
= 0.333*DAC
+ 0.433
V
Input Voltage Range
−0.3
3.0
V
Input Offset Voltage (Note 2)
−1.0
1.0
mV
−3dB Bandwidth (Note 2)
CL = 80 pF to GND,
RL = 10 kW to GND
12
MHz
DC Gain
IDIFFOUT = 100 mA
0.982
1.0
1.018
V/V
Slew Rate (Note 2)
DVin = 1.0 V,
DVout = 1.0 V to 2.0 V,
CL = 80 pF to GND,
Load = ±125 mA
10
V/ms
Maximum Output Voltage
ISOURCE = 1.0 mA
3.0
V
Minimum Output Voltage
ISINK = 1.0 mA
0.5
V
Output Source Current (Note 2)
Vout = 2.1 V
25
mA
Output Sink Current (Note 2)
Vout = 1.0 V
1.4
mA
VDRP ADAPTIVE VOLTAGE POSITIONING AMPLIFIER
Current Sense Input to VDRP Gain
−60 mV < (CSx−CSxN)
< +60 mV, TA = 25°C
5.7
6.0
6.3
V/V
Current Sense Input to VDRP Output
−3dB Bandwidth (Note 2)
CL = 330 pF to GND,
RL = 10 kW to GND
7.2
MHz
Current Sense Input to VDRP Output
Slew Rate (Note 2)
DV(CSx−CSxN) = 25 mV (all
phases), 1.3 V < Vout < 1.9 V,
CL = 330 pF to GND,
Load = ±400 mA
3.7
V/ms
Current Summing Amp Output Offset
Voltage
CSx – CSxN = 0, CSx =1.0 V
−40
+40
mV
Maximum VDRP Output Voltage
CSx − CSxN = 0.12 V
(all phases),
ISOURCE = 1.0 mA
3.02
V
Minimum VDRP Output Voltage
CSx − CSxN = −0.12 V
(all phases),
ISINK = 1.0 mA
0.5
V
Output Source Current (Note 2)
VDRP = 2.9 V
9.0
mA
Output Sink Current (Note 2)
VDRP = 1.0 V
2.0
mA
2. Guaranteed by design. Not tested in production.


Similar Part No. - NCP5389

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5389

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5391 ONSEMI-NCP5391 Datasheet
359Kb / 26P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
July, 2007 - Rev. 1
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5388 ONSEMI-NCP5388 Datasheet
334Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
April, 2007 ??Rev. 3
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
   2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
logo
STMicroelectronics
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
   2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
   2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
logo
Renesas Technology Corp
ISL6313 RENESAS-ISL6313 Datasheet
1Mb / 34P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6314 INTERSIL-ISL6314 Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
ISL6314CRZ-T INTERSIL-ISL6314CRZ-T Datasheet
820Kb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com