Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5388 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5388
Description  2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5388 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5388 Datasheet HTML 1Page - ON Semiconductor NCP5388 Datasheet HTML 2Page - ON Semiconductor NCP5388 Datasheet HTML 3Page - ON Semiconductor NCP5388 Datasheet HTML 4Page - ON Semiconductor NCP5388 Datasheet HTML 5Page - ON Semiconductor NCP5388 Datasheet HTML 6Page - ON Semiconductor NCP5388 Datasheet HTML 7Page - ON Semiconductor NCP5388 Datasheet HTML 8Page - ON Semiconductor NCP5388 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
NCP5388
http://onsemi.com
5
VID0
VCC
2
VID1
3
VID2
4
VID3
5
VID4
6
VID5
7
VID6
8
VID7
9
VR10/VR11
10
EN
1
VR_RDY
37
VR_HOT
40
VR_FAN
39
VS−
16
VS+
15
DGND
AGND
VREF
NTC
VID0
VID1
VID2
VID3
VID4
VID5
VID6
VID7
VID8
VR_FAN
VR_HOT
VR_RDY
VR_EN
VTT
680 W PULLUPS
36
U1
RVCC
CVCC1
+12 V
35
14
34 RNTC1
RT1
38
30
VCC
4
BST
1
DRVH 8
SW
7
DRVL
5
PGND
6
OD
3
IN
2
C1
C3
C4
12 V_FILTER
L1
R2
C2
RS1
CS1
CS1
CS1N
22
21
12 V_FILTER
NCP3418B
VCC
4
BST
1
DRVH
8
SW
7
DRVL
5
PGND
6
OD
3
IN
2
12 V_FILTER
12 V_FILTER
VCC
4
BST
1
DRVH
8
SW
7
DRVL 5
PGND
6
OD
3
IN
2
12 V_FILTER
12 V_FILTER
NTD60N02RT4
31
CS2
CS2N
24
23
32
CS3
CS3N
26
25
33
CS4
CS4N
28
27
DRVON 29
SS
ROSC
COMP
+
DIFFOUT
17
RT2
RISO2
CFB1
RFB1
RFB
VFB
19
RDRP
VDRP
20
ILIM
18
CF
RF
CH
CSS
11
12
RLIM1
13
RLIM2
VCCP
VSSP
Figure 3. Application Schematic for Three Phases
NTD85N02RT4
CPU GND
NCP5388
RT2 LOCATED NEAR OUTPUT INDUCTORS
D1
BAT54HT1
G1
G2
G3
G4
RISO1
RNTC2


Similar Part No. - NCP5388

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5388

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5385 ONSEMI-NCP5385 Datasheet
474Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5381A ONSEMI-NCP5381A Datasheet
401Kb / 34P
   2/3/4 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
August, 2006 ??Rev. 4
NCP5382 ONSEMI-NCP5382 Datasheet
349Kb / 33P
   2/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications
March, 2007 ??Rev. 0
NCP5389 ONSEMI-NCP5389 Datasheet
478Kb / 28P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
October, 2008 ??Rev. 2
NCP5391 ONSEMI-NCP5391 Datasheet
359Kb / 26P
   2/3 Phase Buck Controller for VR11 Pentium IV Processor Applications
July, 2007 - Rev. 1
logo
STMicroelectronics
L6756D STMICROELECTRONICS-L6756D Datasheet
650Kb / 36P
   2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
L6756 STMICROELECTRONICS-L6756 Datasheet
48Kb / 3P
   2/3/4 phase buck controller for VR10, VR11.1 and AM2 processor applications
logo
Renesas Technology Corp
ISL6312A RENESAS-ISL6312A Datasheet
1Mb / 36P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
logo
Intersil Corporation
ISL6312 INTERSIL-ISL6312 Datasheet
736Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10,VR11, and AMD Applications
ISL6312 INTERSIL-ISL6312_07 Datasheet
748Kb / 35P
   Four-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR10, VR11, and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com