Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5387 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5387
Description  2/3/4 Phase Controller for CPU Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5387 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5387 Datasheet HTML 2Page - ON Semiconductor NCP5387 Datasheet HTML 3Page - ON Semiconductor NCP5387 Datasheet HTML 4Page - ON Semiconductor NCP5387 Datasheet HTML 5Page - ON Semiconductor NCP5387 Datasheet HTML 6Page - ON Semiconductor NCP5387 Datasheet HTML 7Page - ON Semiconductor NCP5387 Datasheet HTML 8Page - ON Semiconductor NCP5387 Datasheet HTML 9Page - ON Semiconductor NCP5387 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
NCP5387
http://onsemi.com
6
Figure 4. Simplified Block Diagram
+
+
+
+
+
+
+
+
+
+
+
+
+
+
Oscillator
ROSC
CS1
CS1N
CS2
CS2N
CS3
CS3N
CS4
CS4N
ILIM
EN
VCC
VCC UVLO
VDRP
G1
G2
G3
G4
GND
DRVON
VR_RDY
ILimit
Droop
Amplifier
DIFFOUT
1.3 V
COMP
VFB
VS−
VS+
DIFFOUT
1.3 V
Error Amp
Diff Amp
Fault
VID7
VID6
VID4
VID3
VID2
VID1
VID0
VID5
DACMODE
SS
VR10/11/AMD
DAC
DAC
NCP5387
NTC
NTC
VR_FAN
VR_HOT
VREF
Gain = 6
Gain = 6
Gain = 6
Gain = 6
Fault
OVER
4OFF
ENB
ENB
ENB
ENB
+ −
Fault Logic
3 Phase
Detect
and
Monitor
Circuits
+
12VMON UVLO
12VMON


Similar Part No. - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com