Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5111PG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5111PG
Description  High Voltage, High and Low Side Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5111PG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5111PG Datasheet HTML 1Page - ON Semiconductor NCP5111PG Datasheet HTML 2Page - ON Semiconductor NCP5111PG Datasheet HTML 3Page - ON Semiconductor NCP5111PG Datasheet HTML 4Page - ON Semiconductor NCP5111PG Datasheet HTML 5Page - ON Semiconductor NCP5111PG Datasheet HTML 6Page - ON Semiconductor NCP5111PG Datasheet HTML 7Page - ON Semiconductor NCP5111PG Datasheet HTML 8Page - ON Semiconductor NCP5111PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP5111
http://onsemi.com
4
ELECTRICAL CHARACTERISTIC (VCC = Vboot = 15 V, VGND = Vbridge, -40°C < TJ < 125°C, Outputs loaded with 1 nF)
Rating
Symbol
TJ -40°C to 125°C
Units
Min
Typ
Max
OUTPUT SECTION
Output high short circuit pulsed current VDRV = 0 V, PW v 10 ms (Note 1)
IDRVsource
-
250
-
mA
Output low short circuit pulsed current VDRV = Vcc, PW v 10 ms (Note 1)
IDRVsink
-
500
-
mA
Output resistor (Typical value @ 25
°C) Source
ROH
-
30
60
W
Output resistor (Typical value @ 25
°C) Sink
ROL
-
10
20
W
High level output voltage, VBIAS-VDRV_XX @ IDRV_XX = 20 mA
VDRV_H
-
0.7
1.6
V
Low level output voltage VDRV_XX @ IDRV_XX = 20 mA
VDRV_L
-
0.2
0.6
V
DYNAMIC OUTPUT SECTION
Turn-on propagation delay (Vbridge = 0 V) (Note 2)
tON
-
750
1170
ns
Turn-off propagation delay (Vbridge = 0 V or 50 V) (Notes 2 and 3)
tOFF
-
100
170
ns
Output voltage rise time (from 10% to 90% @ Vcc = 15 V) with 1 nF load
tr
-
85
160
ns
Output voltage fall time (from 90% to 10% @VCC = 15 V) with 1 nF load
tf
-
35
75
ns
Propagation delay matching between the High side and the Low side
@ 25
°C (Note 4)
Dt
-
30
60
ns
Internal fixed dead time (Note 5)
DT
400
650
1000
ns
INPUT SECTION
Low level input voltage threshold
VIN
-
-
0.8
V
Input pull-down resistor (VIN < 0.5 V)
RIN
-
200
-
k
W
High level input voltage threshold
VIN
2.3
-
-
V
Logic “1” input bias current @ VIN = 5 V @ 25°C
IIN+
-
5
25
mA
Logic “0” input bias current @ VIN = 0 V @ 25°C
IIN-
-
-
2.0
mA
SUPPLY SECTION
Vcc UV Start-up voltage threshold
Vcc_stup
8.0
8.9
9.9
V
Vcc UV Shut-down voltage threshold
Vcc_shtdwn
7.3
8.2
9.1
V
Hysteresis on Vcc
Vcc_hyst
0.3
0.7
-
V
Vboot Start-up voltage threshold reference to bridge pin
(Vboot_stup = Vboot - Vbridge)
Vboot_stup
8.0
8.9
9.9
V
Vboot UV Shut-down voltage threshold
Vboot_shtdwn
7.3
8.2
9.1
V
Hysteresis on Vboot
Vboot_shtdwn
0.3
0.7
-
V
Leakage current on high voltage pins to GND
(VBOOT = VBRIDGE = DRV_HI = 600 V)
IHV_LEAK
-
5
40
mA
Consumption in active mode (Vcc = Vboot, fsw = 100 kHz and 1 nF load on
both driver outputs)
ICC1
-
4
5
mA
Consumption in inhibition mode (Vcc = Vboot)
ICC2
-
250
400
mA
Vcc current consumption in inhibition mode
ICC3
-
200
-
mA
Vboot current consumption in inhibition mode
ICC4
-
50
-
mA
1. Parameter guaranteed by design.
2. TON = TOFF + DT.
3. Turn-off propagation delay @ Vbridge = 600 V is guaranteed by design.
4. See characterization curve for
Dt parameters variation on the full range temperature.
5. Timing diagram definition see: Figure 5 and Figure 6.


Similar Part No. - NCP5111PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5111PG ONSEMI-NCP5111PG Datasheet
106Kb / 14P
   High Voltage, High and Low Side Driver
February, 2016 ??Rev. 6
More results

Similar Description - NCP5111PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com