Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2985A-18DBVRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-18DBVRG4
Description  150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-18DBVRG4 Datasheet(HTML) 2 Page - Texas Instruments

  LP2985A-18DBVRG4 Datasheet HTML 1Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 2Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 3Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 4Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 5Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 6Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 7Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 8Page - Texas Instruments LP2985A-18DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LP2985
SLVS522M – JULY 2004 – REVISED MARCH 2009 .......................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
PART
VOUT
ORDERABLE
TOP-SIDE
TJ
PACKAGE(2)
GRADE
(NOM)
PART NUMBER
MARKING(3)
Reel of 3000
LP2985A-18DBVR
1.8 V
LPT_
Reel of 250
LP2985A-18DBVT
Reel of 3000
LP2985A-25DBVR
2.5 V
LPU_
Reel of 250
LP2985A-25DBVT
Reel of 3000
LP2985A-28DBVR
2.8 V
LPJ_
Reel of 250
LP2985A-28DBVT
Reel of 3000
LP2985A-29DBVR
2.9 V
LPZ_
Reel of 250
LP2985A-29DBVT
Reel of 3000
LP2985A-30DBVR
A grade:
3.0 V
LRA_
1% tolerance
Reel of 250
LP2985A-30DBVT
Reel of 3000
LP2985A-31DBVR
3.1 V
PREVIEW
Reel of 250
LP2985A-31DBVT
Reel of 3000
LP2985A-33DBVR
3.3 V
LPK_
Reel of 250
LP2985A-33DBVT
Reel of 3000
LP2985A-50DBVR
5.0 V
LRI_
Reel of 250
LP2985A-50DBVT
Reel of 3000
LP2985A-10DBVR
10.0 V
LRD_
Reel of 250
LP2985A-10DBVT
–40°C to 125°C
SOT-23-5 – DBV
Reel of 3000
LP2985-18DBVR
1.8 V
LPH_
Reel of 250
LP2985-18DBVT
Reel of 3000
LP2985-25DBVR
2.5 V
LPL_
Reel of 250
LP2985-25DBVT
Reel of 3000
LP2985-28DBVR
2.8 V
LPG_
Reel of 250
LP2985-28DBVT
Reel of 3000
LP2985-29DBVR
2.9 V
LPM_
Reel of 250
LP2985-29DBVT
Reel of 3000
LP2985-30DBVR
Standard grade:
3.0 V
LPN_
1.5% tolerance
Reel of 250
LP2985-30DBVT
Reel of 3000
LP2985-31DBVR
3.1 V
PREVIEW
Reel of 250
LP2985-31DBVT
Reel of 3000
LP2985-33DBVR
3.3 V
LPF_
Reel of 250
LP2985-33DBVT
Reel of 3000
LP2985-50DBVR
5.0 V
LPS_
Reel of 250
LP2985-50DBVT
Reel of 3000
LP2985-10DBVR
10. 0 V
LRC_
Reel of 250
LP2985-10DBVT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated


Similar Part No. - LP2985A-18DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-18DBVRG4 TI-LP2985A-18DBVRG4 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985A-18DBVRG4 TI1-LP2985A-18DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985A-18DBVRG4 TI-LP2985A-18DBVRG4 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985A-18DBVRG4 TI-LP2985A-18DBVRG4 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985A-18DBVRG4 TI-LP2985A-18DBVRG4 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results

Similar Description - LP2985A-18DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com