Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UG1J Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # UG1J
Description  SUPERFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UG1J Datasheet(HTML) 1 Page - Gulf Semiconductor

  UG1J Datasheet HTML 1Page - Gulf Semiconductor UG1J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
UG1J THRU UG1K
SUPERFAST EFFICIENT
GLASS PASSIVATED RECTIFIER
VOLTAGE:
:600V to 800V
CURRENT:
: 1.0A
FEATURE
DO –41\DO-
--
-204AL
Low power loss
High surge capability
Glass passivated chip junction
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250℃/10sec/0.375″lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 750, method 2026
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated)
SYMBOL
UG1J
UG1K
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
800
V
Maximum RMS Voltage
Vrms
420
560
V
Maximum DC blocking Voltage
Vdc
600
800
V
Maximum Average Forward Rectified Current
3/8″lead length at Ta =35℃
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
35
A
Maximum Forward Voltage at rated Forward
current
Vf
1.5
2.5
V
Maximum DC Reverse Current
Ta =25℃
at rated DC blocking voltage
Ta =125℃
Ir
5.0
200.0
µ
A
Maximum Reverse Recovery Time
(Note 1)
Trr
25
nS
Typical Junction Capacitance
(Note 2)
Cj
25.0
pF
Typical Thermal Resistance
(Note 3)
Rth(ja)
50.0
℃/W
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8″lead length, P.C. Board Mounted


Similar Part No. - UG1J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UG10 VISHAY-UG10 Datasheet
80Kb / 3P
   Dual Ultrafast Soft Recovery Rectifiers
27-Jun-03
UG10 VISHAY-UG10 Datasheet
46Kb / 3P
   Dual Ultrafast Soft Recovery Rectifier
03-Jul-02
logo
Diodes Incorporated
UG1001 DIODES-UG1001 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27008 Rev. A1-2
logo
Lite-On Technology Corp...
UG1001 LITEON-UG1001 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Zibo Seno Electronic En...
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UG1J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
31GF2 GULFSEMI-31GF2 Datasheet
156Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF4 GULFSEMI-31GF4 Datasheet
79Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6 GULFSEMI-31GF6 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
UF2004A GULFSEMI-UF2004A Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?2.0A
BYW95BG GULFSEMI-BYW95BG Datasheet
100Kb / 2P
   FAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
31GF6A GULFSEMI-31GF6A Datasheet
160Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
1R5GU41 GULFSEMI-1R5GU41 Datasheet
106Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?.5A
31GF7 GULFSEMI-31GF7 Datasheet
193Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V CURRENT竊?3.0A
UGS2J GULFSEMI-UGS2J Datasheet
114Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE竊?00V to 800V CURRENT竊?.0A
GS1J-E GULFSEMI-GS1J-E Datasheet
143Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com