Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX-0509D Datasheet(PDF) 2 Page - Recom International Power

Part # RX-0509D
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RX-0509D Datasheet(HTML) 2 Page - Recom International Power

  RX-0509D Datasheet HTML 1Page - Recom International Power RX-0509D Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 41
August 2002
ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Dual Output)
Package Style and Pinning (mm)
3rd angle
projection
12
4
6
RY-0512D
RECOM
****
5
4.10
0.51 typ.
0.51 typ.
10.20
RY-0512D
RECOM
****
7.05
19.65
1.27
0.25
12.70
2.0
12
4 5 6
10.00
RX-0512D
RECOM
****
19.90
7.62
3.05
7.10
15.24
2.0
Bottom View
9
14
1
8
67
1.00ø+0.15/–0
2.54
2.54
2.54
1.00ø+0.15/–0
2.54
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
RX
RY
1
–Vin
+Vin
2
No Pin
–Vin
4
No Pin
–Vout
5
No Pin
Com
6+Vout
+Vout
7
Com
No Pin
8–Vout
No Pin
9
Com
No Pin
14
+Vin
No Pin
Recommended Footprint Details
7 PIN SIP Package
14 PIN DIP Package


Similar Part No. - RX-0509D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RX-0509D RECOM-RX-0509D Datasheet
104Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-0509D RECOM-RX-0509D Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RX-0509D/P RECOM-RX-0509D/P Datasheet
102Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RX-0509D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com