Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTS-0509 Datasheet(PDF) 1 Page - Recom International Power

Part No. RTS-0509
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RECOM [Recom International Power]
Homepage  http://www.recom-international.com
Logo 

RTS-0509 Datasheet(HTML) 1 Page - Recom International Power

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
EC 49
August 2002
1kVDC Isolation
Efficiency to 70%
UL 94V-0 Package Material
Toroidal Magnetics
Internal SMD Construction
Selection Guide
ECONOLINE - DC/DC-Converter
RTS/RTD Series, 2 Watt, SMD (Single & Dual Output)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Part
Input
Output
Output
Efficienc
Number
Voltage
Voltage
Current
SMD
(VDC)
(VDC)
(mA)
(%)
RTS-XX3.3
5, 9, 12, 15, 24
3.3
606
70
RTS-XX05
5, 9, 12, 15, 24
5
400
70
RTS-XX09
5, 9, 12, 15, 24
9
222
75
RTS-XX12
5, 9, 12, 15, 24
12
167
75
RTS-XX15
5, 9, 12, 15, 24
15
133
75
RTS-XX24
5, 9, 12, 15, 24
24
83
78
RTD-XX3.3
5, 9, 12, 15, 24
±3.3
±303
70
RTD-XX05
5, 9, 12, 15, 24
±5
±200
70
RTD-XX09
5, 9, 12, 15, 24
±9
±111
75
RTD-XX12
5, 9, 12, 15, 24
±12
±83
75
RTD-XX15
5, 9, 12, 15, 24
±15
±66
75
RTD-XX24
5, 9, 12, 15, 24
±24
±42
78
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Rated Power
2W
Isolation Voltage
1000VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
40pF min./115pF max.
Ripple and Noise (20MHz BW)
150mVp-p max.
Line Voltage Regulation
1.2%/1% of Vin
Load Voltage Regulation (10% to 100% full load)
3.3V output type
20% max.
5V output type
15% max.
9V, 12V, 15V output types
10% max.
24V output type
10% max.
Efficiency at Full Load
70% min.
Short Circuit Protection
1 Second
Operating Temperature Range
-40°C to +71°C
Storage Temperature Range
-55°C to +125°C
Package Weight
Single output types
2.1g
Dual output types
2.5g
Features


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
REC3-05SRECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
RY-0505SCLECONOLINE - DC/DC - CONVERTER 1 Recom International Power
REC5-033SRWLECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
REC5ECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
RA-1.81.8SECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
REC8-05SRWLECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
RAAECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power
REZECONOLINE - DC/DC CONVERTER 1 2 3 Recom International Power
RS-0505ECONOLINE - DC/DC - CONVERTER 1 2 Recom International Power

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn