Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV33509.MP8A Datasheet(PDF) 3 Page - QT Optoelectronics

Part # MV33509.MP8A
Description  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QT [QT Optoelectronics]
Direct Link  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV33509.MP8A Datasheet(HTML) 3 Page - QT Optoelectronics

  MV33509.MP8A Datasheet HTML 1Page - QT Optoelectronics MV33509.MP8A Datasheet HTML 2Page - QT Optoelectronics MV33509.MP8A Datasheet HTML 3Page - QT Optoelectronics MV33509.MP8A Datasheet HTML 4Page - QT Optoelectronics MV33509.MP8A Datasheet HTML 5Page - QT Optoelectronics MV33509.MP8A Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PCB MOUNT LED INDICATORS
Page 3 of 6
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in. (mm) FIG.
MV60538.MP5
RED
1.7
2.0
20
.125
(3.18)
5
MV63538.MP5
YLW
2.1
18.0
20
.125
(3.18)
5
MV64538.MP5
GRN
2.2
26.0
20
.125
(3.18)
5
MV67538.MP5
H-E RED
2.1
14.0
20
.125
(3.18)
5
MV60539.MP5
RED
1.7
3.2
20
.180
(4.57)
5
MV63539.MP5
YLW
2.1
20.0
20
.180
(4.57)
5
MV64539.MP5
GRN
2.2
28.0
20
.180
(4.57)
5
MV67539.MP5
H-E RED
2.1
15.0
20
.180
(4.57)
5
LOW CURRENT (2mA)
HLMP-47009.MP5
H-E RED
1.8
2.0
2
.180
(4.57)
5
HLMP-47199.MP5
YLW
1.9
2.0
2
.180
(4.57)
5
HLMP-47409.MP5
GRN
1.9
3.0
2
.180
(4.57)
5
AIGaAs RED
HLMP-D1019.MP5
AIGaAs RED
1.8
70.0
20
.180
(4.57)
5
HLMP-D1509.MP5
AIGaAs RED
1.6
3.0
1
.180
(4.57)
5
ULTRA BRIGHT
MV33509.MP5
YLW*
2.2
150.0
20
.180
(4.57)
5
MV34509.MP5
GRN*
2.2
150.0
20
.180
(4.57)
5
MV37509.MP5
H-E RED*
2.2
150.0
20
.180
(4.57)
5
INTEGRAL RESISTOR
MR30509.MP5
RED
5.0
2.0
13
.180
(4.57)
5
MR30519.MP5
RED
12.0
2.0
13
.180
(4.57)
5
MR33509.MP5
YLW
5.0
4.0
10
.180
(4.57)
5
MR33519.MP5
YLW
12.0
4.0
13
.180
(4.57)
5
MR34509.MP5
GRN
5.0
4.0
12
.180
(4.57)
5
MR34519.MP5
GRN
12.0
4.0
13
.180
(4.57)
5
MR37509.MP5
H-E RED
5.0
4.0
10
.180
(4.57)
5
MR37519.MP5
H-E RED
12.0
4.0
13
.180
(4.57)
5
BICOLOR**
MV54919.MP5
RED/GRN
2.3
6.0
20
.180
(4.57)
5
T-1 3/4 (5mm)
MAX
.245
(6.22)
CATHODE**
MAX
.245
(6.22)
.190 DIA
(4.83)
.242 (6.15)
.222 (5.64)
DIM A
.020
(.51)
.145 MIN
(3.68)
.100
(2.54)
.100
(2.54)
PACKAGE DIMENSIONS
FIG. - 5
+
+
+
.561 (14.25)
.537 (13.64)
.100
(2.54)
.260
(6.6)
.100
(2.54)
.100
(2.54)
.022 (.8)
.006 (.4)
.183 (4.65)
.167 (4.25)
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
QLA764B-3H
B. RED
2.1
1.4
10
4D
QLA764B-3I
H-E RED
2.0
6.0
10
4D
QLA764B-3G
GRN
2.1
6.0
10
4D
QLA764B-3Y
YEL
2.0
6.0
10
4D
QLA764B-HGY
B. RED/GRN/YEL
2.1
1.4
10
4D
QLA764B-YGH
YEL/GRN/B. RED
2.1
1.4
10
4D
T-1 (3mm) trilevel
FIG. - 4D
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.
First color indicated is on top, the second is in the middle, and the third is on the bottom.
For example: QLA764B-YGH has YEL(top)/GRN(middle)/B. RED(bottom).


Similar Part No. - MV33509.MP8A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV33509.MP8A FAIRCHILD-MV33509.MP8A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV33509.MP8A QT-MV33509.MP8A Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Similar Description - MV33509.MP8A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com