Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF4007 Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SUF4007
Description  HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SUF4007 Datasheet(HTML) 1 Page - Gulf Semiconductor

  SUF4007 Datasheet HTML 1Page - Gulf Semiconductor SUF4007 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A4
www.gulfsemi.com
SUF4001 THRU SUF4007
HIGH EFFICIENT
PLASTIC SILICON RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.0A
FEATURE
DO -41\DO-204AL
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SUF
4001
SUF
4002
SUF
4003
SUF
4004
SUF
4005
SUF
4006
SUF
4007
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =55
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Forward Voltage at Forward current
1A Peak
Vf
1.0
1.4
1.7
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
10.0
100.0
µA
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
50
75
nS
Typical Junction Capacitance
(Note 2)
Cj
15
12
pF
Typical Thermal Resistance
(Note 3)
R(ja)
50
60
°C/W
Storage and Operating Junction Temperature
Tstg,Tj
-50 to +125
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 3/8”lead length, P.C. Board Mounted


Similar Part No. - SUF4007

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SUF4007 DIOTEC-SUF4007 Datasheet
162Kb / 2P
   Ultrafast Switching Surface Mount Si-Rectifiers
SUF4007 DIOTEC-SUF4007 Datasheet
71Kb / 2P
   Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
SUF4007 SEMIKRON-SUF4007 Datasheet
177Kb / 2P
   Surface mount diode Ultrafast silicon rectifier diodes
SUF4007 SEMIKRON-SUF4007 Datasheet
183Kb / 2P
   Ultrafast silicon rectifier diodes
logo
Shenzhen Luguang Electr...
SUF4007 LUGUANG-SUF4007 Datasheet
253Kb / 2P
   Surface Mount Rectifiers
More results

Similar Description - SUF4007

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR105S GULFSEMI-MUR105S Datasheet
99Kb / 3P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
SUF5400 GULFSEMI-SUF5400 Datasheet
529Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 3.0A
SUF1500 GULFSEMI-SUF1500 Datasheet
81Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
SUF2001 GULFSEMI-SUF2001 Datasheet
356Kb / 2P
   HIGH EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 2.0A
EM7G GULFSEMI-EM7G Datasheet
130Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?1000V CURRENT竊?1.0A
UF1001 GULFSEMI-UF1001 Datasheet
151Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UF4001E GULFSEMI-UF4001E Datasheet
134Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UF4001 GULFSEMI-UF4001 Datasheet
129Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
UF1001E GULFSEMI-UF1001E Datasheet
146Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
1N4001E GULFSEMI-1N4001E Datasheet
86Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com