Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1505S Datasheet(PDF) 1 Page - Recom International Power

Part # RX1505S
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RX1505S Datasheet(HTML) 1 Page - Recom International Power

  RX1505S Datasheet HTML 1Page - Recom International Power RX1505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EC 38
www.recom-international.com
August 2002
Selection Guide
ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output)
Specifications (Core Operating Area) and Operating Temperature / Derating-Graph
Input Voltage
±5%
Input Filter
Capacitor Type
Output Voltage Accuracy
±5%
Line Voltage Regulation
±1%
Load Voltage Regulation (10% to 100% full load)
±1%
Ripple and Noise Output
100mVp-p max.
Efficiency at Full Load
50% min.
Isolation Voltage
1.000VDC min.
Isolation Resistance (Viso = 500VDC)
10 GΩ min.
Isolation Capacitance
30pF min./150pF max.
Short Circuit Protection
1 Second
Switching Frequency at Full Load
30kHz min. / 88kHz max.
Operating Temperature
-40°C to +71°C (see Graph)
Storage Temperature
-55°C to +125°C
Package Weight
RX types
2.9g
RY types
2.8g
Part
Part
Input
Output
Output
Efficiency
Number
Number
Voltage
Voltage
Current
DIP14
SIP7
(VDC)
(VDC)
(mA)
(%)
RX-XX05S
RY-XX05S
5, 9, 12, 15, 24
5
180
58-60
RX-XX09S
RY-XX09S
5, 9, 12, 15, 24
9
111
56-62
RX-XX12S
RY-XX12S
5, 9, 12, 15, 24
12
84
60-66
RX-XX15S
RY-XX15S
5, 9, 12, 15, 24
15
66
60-66
RX-XX24S
RY-XX24S
5, 9, 12, 15, 24
24
42
60-68
Load Voltage Regulation <1.5%
Controllable Output
1kVDC Isolation
SIP & DIP Package Styles
UL 94V-0 Package Material
No Heatsink Required
Toroidal Magnetics
Fully Encapsulated
Features
2.0
1.5
0.5
1.0
100
50
0
-40
71
125
150
Operating Temperature ˚C
Safe Operating Area
0
Typical Applications
5
Vcc
GND
0V
1
Vout
2
4
6
NC
CTRL
RY-XX12
Vout = 12V, TTL = 0V
Vout = 1.2V, TTL = 1V
Vcc
GND
0V
1
2
4
6
CTRL
TTL Input
2N2219, BC107, ZTX451
or Similar Transistors capable of
Sinking 50mA Continuous Current
0V
5
1kΩ
RY-XX12
Flash PROM Programming Voltage Control
Normal Isolated Regulated Output


Similar Part No. - RX1505S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
RX1500-100 NTE-RX1500-100 Datasheet
46Kb / 7P
   ECG Isopropanol
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
   ECG Isopropanol
More results

Similar Description - RX1505S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com