Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC08ADTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LVC08ADTE4
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC08ADTE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC08ADTE4 Datasheet HTML 1Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 2Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 3Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 4Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 5Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 6Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 7Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 8Page - Texas Instruments SN74LVC08ADTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
A
B
Y
SN54LVC08A, SN74LVC08A
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCAS283P – JANUARY 1993 – REVISED AUGUST 2005
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC08ARGYR
LC08A
Tube of 50
SN74LVC08AD
SOIC – D
Reel of 2500
SN74LVC08ADR
LVC08A
Reel of 250
SN74LVC08ADT
SOP – NS
Reel of 2000
SN74LVC08ANSR
LVC08A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC08ADBR
LC08A
Tube of 90
SN74LVC08APW
TSSOP – PW
Reel of 2000
SN74LVC08APWR
LC08A
Reel of 250
SN74LVC08APWT
CDIP – J
Tube of 25
SNJ54LVC08AJ
SNJ54LVC08AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC08AW
SNJ54LVC08AW
LCCC – FK
Tube of 55
SNJ54LVC08AFK
SNJ54LVC08AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
H
H
H
L
X
L
X
L
L
LOGIC DIAGRAM, EACH GATE (POSITIVE LOGIC)
2


Similar Part No. - SN74LVC08ADTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC08ADTE4 TI-SN74LVC08ADTE4 Datasheet
899Kb / 24P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74LVC08ADTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com