Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC07APWE4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07APWE4
Description  HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC07APWE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC07APWE4 Datasheet HTML 4Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 5Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 6Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 7Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 8Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 9Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 10Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 11Page - Texas Instruments SN74LVC07APWE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
PARAMETER MEASUREMENT INFORMATION
500
500
2xVCC
NOTES: A. CL includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconnectionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconnectionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t
2.5ns,t
t
t
t
t
V
t
V
≤ 2.5ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. Sincethisdevicehasopen-drainoutputs,
and
arethesameas
.
F.
ismeasuredat
/2.
G.
ismeasuredat
+0.3V.
H.Allparametersandwaveformsarenotapplicabletoalldevices.
O
r
f
PLZ
PZL
pd
PZL
CC
PLZ
OL
Output
Waveform2
S1at2xVCC
(seeNoteB)
Output
Waveform1
S1at2xVCC
(seeNoteB)
2xVCC
2xVCC
2xVCC
0.3V
SN74LVC07A
SCAS595R – OCTOBER 1997 – REVISED APRIL 2008.................................................................................................................................................... www.ti.com
VCC = 5 V ± 0.5 V
Figure 4. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC07A


Similar Part No. - SN74LVC07APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07APWE4 TI-SN74LVC07APWE4 Datasheet
685Kb / 19P
[Old version datasheet]   HEX BUFFERS DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWE4 TI-SN74LVC07APWE4 Datasheet
395Kb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWE4 TI-SN74LVC07APWE4 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07APWE4 TI1-SN74LVC07APWE4 Datasheet
1Mb / 30P
[Old version datasheet]   Hex Buffer/Driver With Open-Drain Outputs
More results

Similar Description - SN74LVC07APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC07A-Q1 TI1-SN74LVC07A-Q1_15 Datasheet
744Kb / 15P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-EP TI-SN74LVC07A-EP Datasheet
308Kb / 12P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A-Q1 TI-SN74LVC07A-Q1 Datasheet
143Kb / 9P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A_101 TI-SN74LVC07A_101 Datasheet
841Kb / 23P
[Old version datasheet]   HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC07A TI1-SN74LVC07A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Hex Buffer/Driver With Open-Drain Outputs
SN74AUC06 TI-SN74AUC06 Datasheet
543Kb / 11P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC06A-EP TI1-SN74LVC06A-EP Datasheet
287Kb / 9P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC06A-Q1 TI1-SN74LVC06A-Q1 Datasheet
210Kb / 10P
[Old version datasheet]   HEX INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
logo
Nexperia B.V. All right...
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
   Hex buffer with open-drain outputs
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
   Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com