Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF6BG Datasheet(PDF) 1 Page - Gulf Semiconductor

Part # SSF6BG
Description  ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 600V CURRENT: 6.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SSF6BG Datasheet(HTML) 1 Page - Gulf Semiconductor

  SSF6BG Datasheet HTML 1Page - Gulf Semiconductor SSF6BG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SSF6AG THRU SSF6JG
ULTRAFAST EFFICIENT
GLASS PASSIVATED RECTIFIER
VOLTAGE: 50 TO 600V
CURRENT: 6.0A
FEATURE
DO-201AD
Low power loss
High surge capability
Ultra-fast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: color band denotes cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
SSF6AG
SSF6BG
SSF6DG
SSF6GG
SSF6JG
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
V
Maximum Average Forward Rectified Current
3/8”lead length at Ta =55
°C
If(av)
6.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
150
A
Maximum Forward Voltage at Forward current
6A Peak
Vf
0.975
1.30
1.70
V
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
5.0
100.0
µA
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical Thermal Resistance
Rth(ja)
Rth(jl)
40
5.0
°C/W
Typical Junction Capacitance
(Note 2)
Cj
100
50
pF
Storage and Operating Junction Temperature
Tstg,Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc


Similar Part No. - SSF6BG

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6005 SILIKRON-SSF6005 Datasheet
345Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF6005 GOOD-ARK-SSF6005 Datasheet
1Mb / 7P
   60V N-Channel MOSFET
SSF6005 GOOD-ARK-SSF6005_15 Datasheet
1Mb / 7P
   60V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF6007 GOOD-ARK-SSF6007 Datasheet
375Kb / 5P
   50V P-Channel MOSFET
More results

Similar Description - SSF6BG

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MUR105 GULFSEMI-MUR105 Datasheet
97Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
MURS105 GULFSEMI-MURS105 Datasheet
134Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
SSF1JG GULFSEMI-SSF1JG Datasheet
101Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.0A
SSF3JG GULFSEMI-SSF3JG Datasheet
71Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 3.0A
SSF2JGS GULFSEMI-SSF2JGS Datasheet
112Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 2.0A
RU3JG GULFSEMI-RU3JG Datasheet
143Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
HER604G GULFSEMI-HER604G Datasheet
102Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?400V CURRENT竊?6.0A
HER603G GULFSEMI-HER603G Datasheet
107Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE竊?200V CURRENT竊?6.0A
10ERB20DG GULFSEMI-10ERB20DG Datasheet
171Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
1EDG GULFSEMI-1EDG Datasheet
74Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200 TO 600V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com