Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G32YZPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G32YZPR
Description  SINGLE 2-INPUT POSITIVE-OR GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G32YZPR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC1G32YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC1G32YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74LVC1G32
SINGLE 2-INPUT POSITIVE-OR GATE
SCES219O – APRIL 1999 – REVISED FEBRUARY 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 5.5 V
VCC – 0.1
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.9
VOH
V
IOH = –16 mA
2.4
3 V
IOH = –24 mA
2.3
IOH = –32 mA
4.5 V
3.8
IOL = 100 µA
1.65 V to 5.5 V
0.1
IOL = 4 mA
1.65 V
0.45
IOL = 8 mA
2.3 V
0.3
VOL
V
IOL = 16 mA
0.4
3 V
IOL = 24 mA
0.55
IOL = 32 mA
4.5 V
0.55
II
A or B inputs
VI = 5.5 V or GND
0 to 5.5 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
ICC
VI = 5.5 V or GND,
IO = 0
1.65 V to 5.5 V
10
µA
∆I
CC
One input at VCC– 0.6 V, Other inputs at VCC or GND
3 V to 5.5 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 1 )
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
1.9
7.2
0.8
4.4
0.9
3.6
0.8
3.4
ns
over recommended operating free-air temperature range, C
L = 30 pF or 50 pF (unless otherwise noted) (see Figure 2 )
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A or B
Y
2.8
8
1.2
5.5
1.1
4.5
1
4
ns
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
20
20
21
22
pF
5
Submit Documentation Feedback


Similar Part No. - SN74LVC1G32YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32YZPR TI-SN74LVC1G32YZPR Datasheet
444Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32YZPR TI-SN74LVC1G32YZPR Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32YZPR TI-SN74LVC1G32YZPR Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32YZPR TI1-SN74LVC1G32YZPR Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32YZPR TI1-SN74LVC1G32YZPR Datasheet
1Mb / 39P
[Old version datasheet]   Single 2-Input Positive-OR Gate
More results

Similar Description - SN74LVC1G32YZPR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com