Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM-1.805D Datasheet(PDF) 1 Page - Recom International Power

Part # RBM-1.805D
Description  ECONOLINE - DC/DC - CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBM-1.805D Datasheet(HTML) 1 Page - Recom International Power

  RBM-1.805D Datasheet HTML 1Page - Recom International Power RBM-1.805D Datasheet HTML 2Page - Recom International Power RBM-1.805D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
35
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 6 Micro Size Package
(VDC)
(VDC)
(mA)
(%)
RBM-xx1.8S
1.8, 3.3, 5, 9, 12, 15, 24
1.8
555
70
RBM-xx3.3S
1.8, 3.3, 5, 9, 12, 15, 24
3.3
303
75
RBM-xx05S
1.8, 3.3, 5, 9, 12, 15, 24
5
200
70-78
RBM-xx09S
1.8, 3.3, 5, 9, 12, 15, 24
9
111
76-79
RBM-xx12S
1.8, 3.3, 5, 9, 12, 15, 24
12
83
78-80
RBM-xx15S
1.8, 3.3, 5, 9, 12, 15, 24
15
66
80-84
RBM-xx24S
1.8, 3.3, 5, 9, 12, 15, 24
24
42
74-85
RBM-xx1.8D
1.8, 3.3, 5, 9, 12, 15, 24
±1.8
±278
70
RBM-xx3.3D
1.8, 3.3, 5, 9, 12, 15, 24
±3.3
±152
70
RBM-xx05D
1.8, 3.3, 5, 9, 12, 15, 24
±5
±100
74-78
RBM-xx09D
1.8, 3.3, 5, 9, 12, 15, 24
±9
±56
76-79
RBM-xx12D
1.8, 3.3, 5, 9, 12, 15, 24
±12
±41
80-82
RBM-xx15D
1.8, 3.3, 5, 9, 12, 15, 24
±15
±33
80-84
RBM-xx24D
1.8, 3.3, 5, 9, 12, 15, 24
±24
±21
80-84
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
1.8V, 3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
50kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
Single
101mW min. / 126mW typ. / 171mW max.
Dual
87mW min. / 130mW typ. / 190mW max.
Isolation Voltage
(tested for 1 second)
3.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 65pF max.
Isolation Resistance
15 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
1.3g
MTBF (+25°C)
using MIL-HDBK 217F
1005 x 103 hours
(+85°C)
using MIL-HDBK 217F
195 x 103 hours
1 Watt
SIP 6 Micro
Size, Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RBM
Series
New Micro Size SIP 6 Package
Industry Standard Pinout
3kVDC Isolation
UL94V-0 Package Material
Efficiency to 85%
Features
Unregulated
Converters
The RBM Micro Size DC/DC-Converter complements Recom’s industrial range of converters. This range is
widely used for pcb distributed power systems and combines small package size, high efficiency, 3kVDC
isolation and low output ripple.
The extended operating temperature range covering –40°C to +85°C is a standard feature. The full rated
power can be taken from a single pin of this dual output converter, provided this does not exceed 1 Watt.
Description
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RBM-1.805D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-1.805D RECOM-RBM-1.805D Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
RBM-1.805D RECOM-RBM-1.805D Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
RBM-1.805DP RECOM-RBM-1.805DP Datasheet
104Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output
More results

Similar Description - RBM-1.805D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com