Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RK-3.324S Datasheet(PDF) 3 Page - Recom International Power

Part # RK-3.324S
Description  1Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RK-3.324S Datasheet(HTML) 3 Page - Recom International Power

  RK-3.324S Datasheet HTML 1Page - Recom International Power RK-3.324S Datasheet HTML 2Page - Recom International Power RK-3.324S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
40
www.recom-international.com
April-2005
Typical Characteristics
RK &
&
RH
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0515
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
Package Style and Pinning (mm)
2.54
1.00ø+0.15/–0
2.54
Top View
0.51 typ.
2.54
1.00ø+0.15/–0
2.54
Top View
Bottom View
Bottom View
( Suffix H )
( Suffix H )
( Suffix H )
for RH-types
for RH-types
7.05
6.00
RECOM
RK-xxxxS
****
12
5
7
19.60
0.51 typ.
4.10
10.20
1.27
0.25
15.24
2.0
19.65
1.27
0.25
15.24
2.0
RECOM
RK-xxxxS
****
RECOM
RH-xxxxD
****
12
5
7
6
3rd angle
projection
Pin Connections
RK-xxxxS
Pin #
Single
1
+Vin
2
–Vin
5
–Vout
7
+Vout
Recommended Footprint Details
Recommended Footprint Details
7 PIN SIP Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
RH-xxxxD
Pin #
Dual
1
+Vin
2
–Vin
5
–Vout
6
Com
7
+Vout
RH-xx12D
RH-xx15D


Similar Part No. - RK-3.324S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK-3.324S RECOM-RK-3.324S Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-3.324SHP RECOM-RK-3.324SHP Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
RK-3.324SP RECOM-RK-3.324SP Datasheet
111Kb / 3P
   1 Watt SIP7 & DIP14 Single & Dual Output
More results

Similar Description - RK-3.324S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
   2 Watt SIP7 Single & Dual Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RB-1.81.8S RECOM-RB-1.81.8S_06 Datasheet
111Kb / 4P
   1 Watt SIP7 & DIP14 Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
   2 Watt SIP7 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com