Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123JKA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DTC123JKA
Description  Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC123JKA Datasheet(HTML) 2 Page - Micro Commercial Components

  DTC123JKA Datasheet HTML 1Page - Micro Commercial Components DTC123JKA Datasheet HTML 2Page - Micro Commercial Components DTC123JKA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
Revision: 2
2006/05/26
DTC123JKA
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - DTC123JKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JKA ROHM-DTC123JKA Datasheet
66Kb / 4P
   Digital transistors (built-in resistors)
DTC123JKA ROHM-DTC123JKA Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
logo
Jiangsu Changjiang Elec...
DTC123JKA JIANGSU-DTC123JKA Datasheet
133Kb / 2P
   Digital transistors (built-in resistors)
logo
Rectron Semiconductor
DTC123JKA RECTRON-DTC123JKA Datasheet
891Kb / 14P
   DIGITAL TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
DTC123JKA SECOS-DTC123JKA Datasheet
348Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC123JKA

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com