Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP-3.309D Datasheet(PDF) 1 Page - Recom International Power

Part # RP-3.309D
Description  1 Watt SIP7 SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP-3.309D Datasheet(HTML) 1 Page - Recom International Power

  RP-3.309D Datasheet HTML 1Page - Recom International Power RP-3.309D Datasheet HTML 2Page - Recom International Power RP-3.309D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-international.com
41
April-2005
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
SIP 7
(VDC)
(VDC)
(mA)
(%)
RP-xx3.3S
5, 9, 12, 15, 24
3.3
303
70
RP-xx05S
3.3, 5, 9, 12, 15, 24
5
200
70-72
RP-xx09S
3.3, 5, 9, 12, 15, 24
9
111
75
RP-xx12S
3.3, 5, 9, 12, 15, 24
12
84
75-78
RP-xx15S
3.3, 5, 9, 12, 15, 24
15
66
80
RP-xx24S
3.3, 5, 9, 12, 15, 24
24
42
80
RP-xx3.3D
5, 9, 12, 15, 24
±3.3
±152
70
RP-xx05D
3.3, 5, 9, 12, 15, 24
±5
±100
74-76
RP-xx09D
3.3, 5, 9, 12, 15, 24
±9
±56
75
RP-xx12D
3.3, 5, 9, 12, 15, 24
±12
±42
79-82
RP-xx15D
3.3, 5, 9, 12, 15, 24
±15
±33
80-82
RP-xx24D
3.3, 5, 9, 12, 15, 24
±24
±21
80
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
30
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
100mVp-p max.
Operating Frequency
57kHz min. / 100kHz typ. / 105kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
120mW min. / 156mW typ. / 210mW max.
Isolation Voltage
(tested for 1 second)
5.200VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
4pF min. / 10pF max.
Isolation Resistance
20 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
MSL Level 1
95% RH
Package Weight
2.4g
MTBF (+25°C)
using MIL-HDBK 217F
928 x 103 hours
(+85°C)
using MIL-HDBK 217F
151 x 103 hours
1 Watt
SIP 7
Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RP
Series
Safety standards and approvals:
EN 60950 certified, rated for
250VAC (LVD test report)
UL-60950-1 / CSA C22.2 certified
5.2kVDC Isolation
Power Sharing
Pin Compatible with RH & RK Series,
SIP DC-DC Converters
UL94V-0 Package Material
Efficiency to 82%
Features
Unregulated
Converters
}DetailedInformationsee
Application Notes chapter "MTBF"


Similar Part No. - RP-3.309D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP-3.309D RECOM-RP-3.309D Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
RP-3.309DP RECOM-RP-3.309DP Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
More results

Similar Description - RP-3.309D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP Datasheet
79Kb / 3P
   1 Watt SIP7 Single & Dual Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
   1 Watt SIP7 Single Output
RB-XX3.3S RECOM-RB-XX3.3S Datasheet
126Kb / 3P
   1 Watt SIP7 Single & Dual Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
   1 Watt SIP7 Single Output
RK-H6 RECOM-RK-H6_18 Datasheet
951Kb / 5P
   1 Watt SIP7 Single and Dual Output
RFB RECOM-RFB Datasheet
381Kb / 4P
   1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
   1 Watt SIP7 Single Output
RKK RECOM-RKK Datasheet
618Kb / 4P
   1 Watt SIP7 Single Output
REV.: 0/2023
RYK RECOM-RYK Datasheet
752Kb / 5P
   1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com