Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-2409 Datasheet(PDF) 2 Page - Recom International Power

Part # RS-2409
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RS-2409 Datasheet(HTML) 2 Page - Recom International Power

  RS-2409 Datasheet HTML 1Page - Recom International Power RS-2409 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EC 62
www.recom-international.com
August 2002
All RS-XXXX types 10uF, 100V
Philips Part No. 15162109
100uF, 25V
Philips Part No. 13556101
Pin 3 (CTRL)
This pin provides an Off function which puts
the converter into a low power mode. When
the pin is ‘high’ the converter is OFF and
when the pin is high ‘Z’ the converter is ON.
There is no allowed low state for this pin.
Voltage to be applied via a limiting resistor
with a recommended value of 1K for RS-
05xx; 3.3K for RS-12xx; RS-24xx and 10K
for RS-48xx)
Pin 5 (NE)
This pin is used internally and must have no
external connection.
Pin 8 (Cs)
This pin provides a connection point to the
main reservoir capacitor. Additional capaci-
tance can be added from this to pin 7. Any
low esr capacitor will improve ripple and
noise in some measure. The benefit of this
access point over simple additional output
filter inductor. Maximum values of external
capacitance will be depend on the output
voltage/loading of the converter and the
desired ripple figure. Starting values can be
in the range of 100uF.
ECONOLINE - DC/DC-Converter
RS Series, 2 Watt, SIP8, Regulated, Isolated (Single Output)
Electrical Specifications (measured at T
A = 25°C, at nominal input voltage and rated output current unless otherwise specified)
Input Voltage Range
2:1
Output Accuracy
±1% typ.
Rated Power
2 W max.
Isolation Voltage
1kVDC
Ripple & Noise (B/W = 20MHz)
50mV p-p max.
Line Regulation
±0.2% max.
Load Regulation (10% to 100% Load)
±0,5% typ.
Switching Frequency at Full Load
85kHz min.
Short Circuit Protection
Continuous
Operating Temperature Range
–40°C to +80°C (see graph)
Storage Temperature Range
–50°C to +125°C
Efficiency
up to 83%
Package Style and Pinning (mm)
12
5
36 7 8
0.50±0.05
3.10min.
0.50±0.05
11.10 max.
RS-0505
RECOM
****
2.54 typ.
3.20 typ.
0.25±0.05
2.0±0.50
9.20 max.
21.80 max.
2.54
2.54
1.0ø+0.15/–0
Recommended Footprint Details
8 Pin SIP Package Style
Control Pin Input Current:
10mA
Voltage Set Point Accuracy
with external input/output
capacitors refer to
typ. ± 1%
recommended test circuit:
max. ±2%
Control Pin (CTRL) Input
Current, control voltage
applied via 1K resistor,
output voltage must
typ. 3mA
reduce to 0V:
max. 6mA
External capacitance
Although these converter will work without
external capacitors, they are necessary in
order to guarantee the full parametric per-
formance over the full line load range. All
parts have been tested and characterised
using the following recommended values
and test circuit.
2.0
1.5
0.5
1.0
100
50
0
-40
80
125
150
Operating Temperature ˚C
0
Safe Operating Area
0V
D2
VO
External
Cap.
+
Pin 7
CS Pin 8
L1
C6
C5
+
Pin Connections
Pin # Single Description
1
GND
Negative input
2
+Vin
Positive input
3
CTRL
Control input
(can be left open)
4
Not fitted
5NENo exernal connection
allowed
6+Vout
Positive output
7
OVout
Negative output
8CS
Optional external capacitor
Cin
Cout


Similar Part No. - RS-2409

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS-2409/H2 RECOM-RS-2409/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2409/H3 RECOM-RS-2409/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2409D RECOM-RS-2409D Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2409D/H2 RECOM-RS-2409D/H2 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-2409D/H3 RECOM-RS-2409D/H3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
More results

Similar Description - RS-2409

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com