Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB520 Datasheet(PDF) 2 Page - Gulf Semiconductor

Part # SB520
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 5.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB520 Datasheet(HTML) 2 Page - Gulf Semiconductor

  SB520 Datasheet HTML 1Page - Gulf Semiconductor SB520 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
i2
RATINGS AND CHARACTERISTIC CURVES SB520 THRU SB560
2 Rev.A5
www.gulfsemi.com


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
   HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Yea Shin Technology Co....
SB520 YEASHIN-SB520 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB520 DGNJDZ-SB520 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
69Kb / 3P
   5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 8 - 2
logo
Diotec Semiconductor
SB520 DIOTEC-SB520 Datasheet
138Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB1020 GULFSEMI-SB1020 Datasheet
432Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 10.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB820 GULFSEMI-SB820 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 8.0A
SB120 GULFSEMI-SB120 Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB120E GULFSEMI-SB120E Datasheet
97Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 1.0A
SB220 GULFSEMI-SB220 Datasheet
845Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 2.0A
SB1620CT GULFSEMI-SB1620CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 16.0A
logo
Mospec Semiconductor
SR502 MOSPEC-SR502 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Gulf Semiconductor
SB580 GULFSEMI-SB580 Datasheet
251Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 80 TO 100V CURRENT: 5.0A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com