Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP15-4812DF Datasheet(PDF) 4 Page - Recom International Power

Part # RP15-4812DF
Description  15 Watt 2inch x 1inch Package Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4812DF Datasheet(HTML) 4 Page - Recom International Power

  RP15-4812DF Datasheet HTML 1Page - Recom International Power RP15-4812DF Datasheet HTML 2Page - Recom International Power RP15-4812DF Datasheet HTML 3Page - Recom International Power RP15-4812DF Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.recom-international.com
223
April-2005
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP15-S_DF
Series
Weight
27g
Dimensions
50.8 x 25.4 x 10.2mm
MTBF (see note 2)
2.041 x 106 Hours
1. The RP15 series requires a minimum of 10% loading on the output to maintain specified regulation. Operation under
no-load condition will not damage these devices, however they may not meet all listed specification.
2. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C (Ground fixed and controlled environment).
3. Simulated source impedance of 12uH. 12uH inductor in series with +Vin.
4. Maximum value at nominal input voltage and full load of standard type.
5. Typical value at nominal input voltage and full load.
6. Test by minimum Vin and constant resistor load.
7. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is standard, no suffix (Ex. RP15-2405SF)
Negative logic ON/OFF is marked with suffix-N (Ex. RP15-2405SF/N).
8. Heat sink is optional and P/N: 7G-0020A.
9. See application notes for EMI-filtering.
Notes :
Package Style and Pinning (mm)
3
1
2
5
4
20.30
50.80
dia.
1.0
10.20
10.20
12.70
15.20
Bottom View
6
2.50
5.10
25.40
5.6
10.20
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Com
5
-Vout
-Vout
6
CTRL
CTRL


Similar Part No. - RP15-4812DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4812DF RECOM-RP15-4812DF Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4812DF RECOM-RP15-4812DF Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-4812DFN RECOM-RP15-4812DFN Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4812DFP RECOM-RP15-4812DFP Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
RP15-4812DFW RECOM-RP15-4812DFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
More results

Similar Description - RP15-4812DF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP10-1233SE RECOM-RP10-1233SE Datasheet
101Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP10-2405SEW RECOM-RP10-2405SEW Datasheet
99Kb / 5P
   10 Watt 2inch x 1inch Package Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF Datasheet
96Kb / 4P
   20 Watt 2inch x 1inch Package Single & Dual Output
RP15-123.3SF RECOM-RP15-123.3SF_06 Datasheet
95Kb / 4P
   15 Watt 2??x 1??Package Single & Dual Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
RP15-FW RECOM-RP15-FW Datasheet
494Kb / 7P
   15 Watt Single & Dual Output
RP15-A RECOM-RP15-A Datasheet
518Kb / 8P
   15 Watt Single & Dual Output
RP15-F RECOM-RP15-F Datasheet
514Kb / 7P
   15 Watt Single & Dual Output
RP15-2405SEW RECOM-RP15-2405SEW_06 Datasheet
85Kb / 4P
   15 Watt Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com