Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH04T240FAD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T240FAD
Description  10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T240FAD Datasheet(HTML) 3 Page - Texas Instruments

  PTH04T240FAD Datasheet HTML 1Page - Texas Instruments PTH04T240FAD Datasheet HTML 2Page - Texas Instruments PTH04T240FAD Datasheet HTML 3Page - Texas Instruments PTH04T240FAD Datasheet HTML 4Page - Texas Instruments PTH04T240FAD Datasheet HTML 5Page - Texas Instruments PTH04T240FAD Datasheet HTML 6Page - Texas Instruments PTH04T240FAD Datasheet HTML 7Page - Texas Instruments PTH04T240FAD Datasheet HTML 8Page - Texas Instruments PTH04T240FAD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
DATASHEET TABLE OF CONTENTS
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH04T240F
www.ti.com ............................................................................................................................................... SLTS293A – DECEMBER 2008 – REVISED MARCH 2009
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
DATASHEET SECTION
PAGE NUMBER
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
3
ELECTRICAL CHARACTERISTICS TABLE (PTH04T240F)
4
TERMINAL FUNCTIONS
6
TYPICAL CHARACTERISTICS (VI = 5V)
7
TYPICAL CHARACTERISTICS (VI = 3.3V)
8
ADJUSTING THE OUTPUT VOLTAGE
9
INPUT & OUTPUT CAPACITOR RECOMMENDATIONS
11
TURBOTRANS™ INFORMATION
15
UNDERVOLTAGE LOCKOUT (UVLO)
19
SOFT-START POWER-UP
20
OUTPUT ON/OFF INHIBIT
21
SYCHRONIZATION (SMARTSYNC)
22
OVER-CURRENT PROTECTION
23
OVER-TEMPERATURE PROTECTION
23
REMOTE SENSE
23
AUTO-TRACK SEQUENCING
24
PREBIAS START-UP
27
TAPE & REEL DRAWING
28
SHIPPING TRAY DRAWING
29
(Voltages are with respect to GND)
UNIT
VTrack
Track pin voltage
–0.3 to VI + 0.3
V
TA
Operating temperature range Over VI range
–40 to 85
Surface temperature of module body or
Twave
Wave soldering temperature
suffix AD
260
pins for 5 seconds maximum.
°C
suffix AS
235 (1)
Surface temperature of module body or
Treflow
Solder reflow temperature
pins
suffix AZ
260 (1)
Tstg
Storage temperature
–55 to 125 (2)
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 msec, 1/2 sine, mounted
500
Mil-STD-883D, Method 2007.2 20-2000
suffix AD
20
G
Mechanical vibration
Hz
suffix AS & AZ
15
Weight
3.8
grams
Flammability
Meets UL94V-O
(1)
During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
(2)
The shipping tray or tape and reel cannot be used to bake parts at temperatures higher than 65°C.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PTH04T240F


Similar Part No. - PTH04T240FAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240FAD TI-PTH04T240FAD Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
More results

Similar Description - PTH04T240FAD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04T240F TI-PTH04T240F Datasheet
3Mb / 34P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F Datasheet
383Kb / 15P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_08 Datasheet
1Mb / 37P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH08T240F TI-PTH08T240F_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED POWER MODULE FOR 3-GHz DSP SYSTEMS
PTH04T260WAZ TI-PTH04T260WAZ Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH04T261WAD TI-PTH04T261WAD Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED,
PTH04T241WAD TI-PTH04T241WAD Datasheet
970Kb / 38P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T240W TI-PTH04T240W Datasheet
949Kb / 36P
[Old version datasheet]   10-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PTH04T260W TI-PTH04T260W Datasheet
1Mb / 35P
[Old version datasheet]   3-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH04T230W TI-PTH04T230W Datasheet
1Mb / 35P
[Old version datasheet]   6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com