Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP5Q128A13ESFC0E Datasheet(PDF) 1 Page - Numonyx B.V

Part # NP5Q128A13ESFC0E
Description  128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NP5Q128A13ESFC0E Datasheet(HTML) 1 Page - Numonyx B.V

  NP5Q128A13ESFC0E Datasheet HTML 1Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 2Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 3Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 4Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 5Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 6Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 7Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 8Page - Numonyx B.V NP5Q128A13ESFC0E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
July 2010
Rev 4
1/56
1
Numonyx® OmneoTM P5Q PCM
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors
Phase Change Memory (PCM) with 66MHz SPI Bus Interface
Features
SPI bus compatible serial interface
Maximum Clock Frequency
– 66MHz (0 to +70 oC)
– 33MHz (-30 to +85 oC)
2.7 V to 3.6 V single supply voltage
Supports legacy SPI protocol and new Quad
I/O or Dual I/O SPI protocol
Quad I/O frequency of 50MHz, resulting in an
equivalent clock frequency up to 200 MHz:
Dual I/O frequency of 66MHz, resulting in an
equivalent clock frequency up to 132 MHz:
Continuous read of entire memory via single
instruction:
– Quad & Dual Output Fast Read
– Quad & Dual Input Fast Program
Uniform 128-Kbyte sectors (flash emulation)
Write Operations
– 128-Kbyte sectors erase (emulated)
– Legacy Flash Page Program
– Bit-alterable Page Writes
– Page Program on all 1s (PreSet Writes)
Write protections
– Protected area size defined by four non-
volatile bits (BP0, BP1, BP2, and BP3)
Electronic signature
– JEDEC standard two-byte signature
(DA18h)
Density and Packaging
– 128 Mbit density with SOIC16 package
More than 1,000,000 write cycles
Phase Change Memory (PCM)
– Chalcogenide phase change storage
element
– Bit alterable write operation
SO16 (MF)
300 mils width
www.numonyx.com


Similar Part No. - NP5Q128A13ESFC0E

ManufacturerPart #DatasheetDescription
logo
3M Electronics
NP5 3M-NP5 Datasheet
15Kb / 2P
   Packing List Envelopes
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Naina Semiconductor ltd...
NP5002 NAINA-NP5002 Datasheet
135Kb / 2P
   Press Fit Diode, 50A
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
NP5002R NAINA-NP5002R Datasheet
135Kb / 2P
   Press Fit Diode, 50A
More results

Similar Description - NP5Q128A13ESFC0E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
M25P128-VMF6TPB MICRON-M25P128-VMF6TPB Datasheet
905Kb / 47P
   128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
Numonyx B.V
M24512-DFMC6TG NUMONYX-M24512-DFMC6TG Datasheet
905Kb / 47P
   128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
STMicroelectronics
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
   128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Numonyx B.V
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
N25Q128 NUMONYX-N25Q128 Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
N25Q128 NUMONYX-N25Q128_1 Datasheet
5Mb / 180P
   128-Mbit 3 V, multiple I/O, 4-Kbyte subsector erase on boot sectors,XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Micron Technology
N25Q128A11B1241F MICRON-N25Q128A11B1241F Datasheet
5Mb / 185P
   128-Mbit, 1.8 V, multiple I/O, 4-Kbyte subsector erase on boot sectors, XiP enabled, serial flash memory with 108 MHz SPI bus interface
logo
Numonyx B.V
NP8P128A13BSM60E NUMONYX-NP8P128A13BSM60E Datasheet
741Kb / 92P
   128-Mbit Parallel Phase Change Memory
logo
SPANSION
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com