Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G17DRYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G17DRYR
Description  SINGLE SCHMITT-TRIGGER BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G17DRYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G17DRYR Datasheet HTML 6Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 7Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 8Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 9Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 10Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 11Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 12Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 13Page - Texas Instruments SN74LVC1G17DRYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVC1G17DBVR
SOT-23
DBV
5
3000
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G17DBVR
SOT-23
DBV
5
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G17DBVT
SOT-23
DBV
5
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G17DBVT
SOT-23
DBV
5
250
180.0
9.2
3.23
3.17
1.37
4.0
8.0
Q3
SN74LVC1G17DCKR
SC70
DCK
5
3000
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G17DCKR
SC70
DCK
5
3000
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G17DCKT
SC70
DCK
5
250
178.0
9.0
2.4
2.5
1.2
4.0
8.0
Q3
SN74LVC1G17DCKT
SC70
DCK
5
250
180.0
9.2
2.24
2.34
1.22
4.0
8.0
Q3
SN74LVC1G17DRLR
SOT
DRL
5
4000
180.0
9.2
1.78
1.78
0.69
4.0
8.0
Q3
SN74LVC1G17DRYR
SON
DRY
6
5000
179.0
8.4
1.2
1.65
0.7
4.0
8.0
Q1
SN74LVC1G17YZPR
DSBGA
YZP
5
3000
180.0
8.4
1.02
1.52
0.63
4.0
8.0
Q1
SN74LVC1G17YZVR
DSBGA
YZV
4
3000
180.0
8.4
1.02
1.02
0.63
4.0
8.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
20-Jul-2010
Pack Materials-Page 1


Similar Part No. - SN74LVC1G17DRYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G17DRYR TI-SN74LVC1G17DRYR Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17DRYR TI-SN74LVC1G17DRYR Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17DRYR TI1-SN74LVC1G17DRYR Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17DRYR TI1-SN74LVC1G17DRYR Datasheet
1Mb / 39P
[Old version datasheet]   SN74LVC1G17 Single Schmitt-Trigger Buffer
logo
Guangdong Youtai Semico...
SN74LVC1G17DRYR UMW-SN74LVC1G17DRYR Datasheet
718Kb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
More results

Similar Description - SN74LVC1G17DRYR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
   SINGLE SCHMITT-TRIGGER BUFFER
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_08 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com